Electronic Components Datasheet Search
  English  ▼

X  

BFG92AX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG92AX
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92AX Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG92AX Datasheet HTML 1Page - NXP Semiconductors BFG92AX Datasheet HTML 2Page - NXP Semiconductors BFG92AX Datasheet HTML 3Page - NXP Semiconductors BFG92AX Datasheet HTML 4Page - NXP Semiconductors BFG92AX Datasheet HTML 5Page - NXP Semiconductors BFG92AX Datasheet HTML 6Page - NXP Semiconductors BFG92AX Datasheet HTML 7Page - NXP Semiconductors BFG92AX Datasheet HTML 8Page - NXP Semiconductors BFG92AX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Sep 23
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG92A/X
FEATURES
• High power gain
• Low noise figure
• Gold metallization ensures
excellent reliability.
APPLICATIONS
Wideband applications in the UHF
and microwave range.
DESCRIPTION
Silicon NPN transistor in a 4-pin,
dual-emitter SOT143B plastic
package.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT143B.
Marking code: V14.
handbook, 2 columns
Top view
MSB014
12
3
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
−−
20
V
VCEO
collector-emitter voltage
−−
15
V
IC
collector current (DC)
−−
25
mA
Ptot
total power dissipation
Ts ≤ 60 °C
−−
400
mW
Cre
feedback capacitance
IC =ic = 0; VCB = 10 V; f = 1 MHz
−
0.35
−
pF
fT
transition frequency
IC = 15 mA; VCE = 10 V; f = 500 MHz
3.5
5
−
GHz
GUM
maximum unilateral power
gain
IC = 15 mA; VCE =10V; Tamb =25 °C;
f = 1 GHz
−
16
−
dB
IC = 15 mA; VCE =10V; Tamb =25 °C;
f = 2 GHz
−
11
−
dB
F
noise figure
Γ
s = Γopt; IC = 5 mA; VCE =10V;
Tamb =25 °C; f = 1 GHz
−
2
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com