Electronic Components Datasheet Search
  English  ▼

X  

BFG92AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFG92AX
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFG92AX Datasheet HTML 2Page - NXP Semiconductors BFG92AX Datasheet HTML 3Page - NXP Semiconductors BFG92AX Datasheet HTML 4Page - NXP Semiconductors BFG92AX Datasheet HTML 5Page - NXP Semiconductors BFG92AX Datasheet HTML 6Page - NXP Semiconductors BFG92AX Datasheet HTML 7Page - NXP Semiconductors BFG92AX Datasheet HTML 8Page - NXP Semiconductors BFG92AX Datasheet HTML 9Page - NXP Semiconductors BFG92AX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Sep 23
6
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG92A/X
Fig.10 Minimum noise figure as a function of
collector current; typical values.
VCE =10V.
handbook, halfpage
4
2
1
0
MCD081
10
1
3
F
(dB)
I
(mA)
C
f = 2 GHz
1 GHz
500 MHz
10 2
Fig.11 Minimum noise figure as a function of
frequency; typical values.
VCE =10V.
handbook, halfpage
4
2
1
0
MCD082
3
F
(dB)
f (MHz)
10 4
10 3
10 2
I
= 15 mA
C
5 mA
10 mA
Fig.12 Common emitter noise figure circles; typical values.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+
j
– j
MCD083
23.9 dB
stability circle
MSG
25
10
0.5
0.2
1
2 dB
3 dB
4 dB
OPT
F
= 1.6 dB
min
Zo =50 Ω.
Maximum stable gain = 23.9 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com