Electronic Components Datasheet Search
  English  ▼

X  

BFG92AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG92AX
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG92AX Datasheet HTML 1Page - NXP Semiconductors BFG92AX Datasheet HTML 2Page - NXP Semiconductors BFG92AX Datasheet HTML 3Page - NXP Semiconductors BFG92AX Datasheet HTML 4Page - NXP Semiconductors BFG92AX Datasheet HTML 5Page - NXP Semiconductors BFG92AX Datasheet HTML 6Page - NXP Semiconductors BFG92AX Datasheet HTML 7Page - NXP Semiconductors BFG92AX Datasheet HTML 8Page - NXP Semiconductors BFG92AX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Sep 23
4
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG92A/X
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
800
600
200
0
400
MBB963 - 1
150
P
tot
(mW)
T
s
(o C)
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =10V.
handbook, halfpage
010
20
30
120
0
40
80
MCD074
h FE
I
(mA)
C
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC =ic = 0; f = 1 MHz.
handbook, halfpage
0
0.6
0.4
0.2
0
624
MCD075
12
C re
(pF)
V
(V)
CB
18
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 10 V; Tamb =25 °C; f = 500 MHz.
handbook, halfpage
010
20
30
6
0
2
4
MBB275
I
(mA)
C
f T
(GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com