Electronic Components Datasheet Search
  English  ▼

X  

BFG92AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG92AX
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG92AX Datasheet HTML 1Page - NXP Semiconductors BFG92AX Datasheet HTML 2Page - NXP Semiconductors BFG92AX Datasheet HTML 3Page - NXP Semiconductors BFG92AX Datasheet HTML 4Page - NXP Semiconductors BFG92AX Datasheet HTML 5Page - NXP Semiconductors BFG92AX Datasheet HTML 6Page - NXP Semiconductors BFG92AX Datasheet HTML 7Page - NXP Semiconductors BFG92AX Datasheet HTML 8Page - NXP Semiconductors BFG92AX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Sep 23
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG92A/X
Fig.6
Gain as a function of collector current;
typical values.
VCE = 10 V; f = 500 MHz.
handbook, halfpage
0
30
20
10
0
25
MCD077
510
15
20
gain
(dB)
I
(mA)
C
MSG
GUM
Fig.7
Gain as a function of collector current;
typical values.
VCE = 10 V; f = 1 GHz.
handbook, halfpage
0
30
20
10
0
25
MCD078
510
15
20
gain
(dB)
I
(mA)
C
MSG
GUM
Fig.8
Gain as a function of frequency; typical
values.
VCE = 10 V; IC = 5 mA.
handbook, halfpage
50
0
10
MCD079
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f
(MHz)
MSG
G UM
G max
Fig.9
Gain as a function of frequency; typical
values.
VCE = 10 V; IC =15mA.
handbook, halfpage
50
0
10
MCD080
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
MSG
GUM
Gmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com