Electronic Components Datasheet Search
  English  ▼

X  

MIC845 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC845
Description  Micro-Power Comparator Battery Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC845 Datasheet HTML 1Page - Micrel Semiconductor MIC845 Datasheet HTML 2Page - Micrel Semiconductor MIC845 Datasheet HTML 3Page - Micrel Semiconductor MIC845 Datasheet HTML 4Page - Micrel Semiconductor MIC845 Datasheet HTML 5Page - Micrel Semiconductor MIC845 Datasheet HTML 6Page - Micrel Semiconductor MIC845 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Micrel, Inc.
MIC845
July 2005
6
M9999-070505
(408) 955-1690
Application Information
Output
The MIC845N output is an open-drain MOSFET, so
most applications will require a pull-up resistor. It is
recommended that the value of this resistor not
exceed 470kΩ, otherwise PCB leakages may begin
to dominate and give a false output indication.
The output of “N” type devices may be pulled up as
high as 6V regardless of the IC’s supply voltage,
without damage to the IC.
The “H” and “L” versions of MIC845 have push-pull
output stages, no pull-up resistors are required. The
maximum output voltage of the “H” and “L” versions
is VDD.
Input
MIC845 has been designed to present an almost
infinite input resistance at its INP pin making it ideal
for monitoring lithium coin cell and back-up batteries.
In applications where the ‘battery low’ voltage is
2.55V, MIC845’s INP pin may be tied directly to the
cell’s positive terminal without any additional
circuitry.
MIC845’s input may be subjected to voltages as high
as 6V, steady-state, without any adverse effects,
regardless of the IC’s supply voltage. This applies
even if the supply voltage is zero. This permits a
situation wherein the IC’s supply is turned off, but an
input voltage is still present. Under such conditions,
there will be no conduction from INP to VDD or any
circuitry internal to MIC845.
Input Transients
MIC845 is inherently immune to very short
negative-going “glitches.” Very brief transients may
exceed the VINP threshold without tripping the output.
As shown in the figure below, the narrower the
transient, the deeper the threshold overdrive that will
be ignored by the MIC845. The graph represents the
typical allowable transient duration for a given
amount of threshold overdrive that will not generate
an output.
0
2
4
6
8
10
12
14
16
0
200
400
600
800 1000
COMPARATOR OVERDRIVE
Input Transient
Response
VREF - VINP (mV)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com