Electronic Components Datasheet Search
  English  ▼

X  

MIC845 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC845
Description  Micro-Power Comparator Battery Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC845 Datasheet HTML 1Page - Micrel Semiconductor MIC845 Datasheet HTML 2Page - Micrel Semiconductor MIC845 Datasheet HTML 3Page - Micrel Semiconductor MIC845 Datasheet HTML 4Page - Micrel Semiconductor MIC845 Datasheet HTML 5Page - Micrel Semiconductor MIC845 Datasheet HTML 6Page - Micrel Semiconductor MIC845 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MIC845
Micro-Power Comparator /
Battery Monitor
Teeny™ is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2005
M9999-070505
(408) 955-1690
General Description
The MIC845 is a precision micro-power voltage
comparator with an on-chip 2.55V reference voltage
source.
Intended for voltage monitoring applications, the
MIC845 can be used with an external resistor divider
to detect a wide range of voltages, or without
external resistors to directly monitor voltages with its
high input impedance CMOS input.
The MIC845 incorporates a voltage reference and
comparator with fixed internal hysteresis. When the
2.55V internal threshold is crossed, the output
switches polarity.
MIC845 is available with a push-pull or open-drain
output stage. The push-pull output stage is
configured for both active high or active low output;
the open-drain output stage is only configured active
high.
Supply current is extremely low (typically 1µA),
making it ideal for portable applications.
MIC845 is supplied in Micrel’s Teeny™ 5-lead SC-
70 package.
Data sheets and support documentation can be
found on Micrel’s web site at www.micrel.com.
Teeny™
Features
• Extremely low 1µA supply current (typical)
• 2.55V on chip reference
• ±2% voltage threshold accuracy
• Optimized for PDAs, cellular telephones, pagers,
and other battery-powered devices
• Open-drain output can be pulled up to 6V
regardless of supply voltage
• 5-lead SC-70 package
Applications
• PDAs
• Pagers
• Cordless phones
• Portable electronics
• Motherboards
• Bladed servers
____________________________________________________________________________________________________
Typical Applications
R1
INP
GND
OUT
VDD
VREF = 2.55V
MIC845
Internal Fixed Hysteresis
R2
VDD
VIN
VOUT
2.75V < VDD < 5.5V
Threshold Detector with
3.3V
INP
GND
OUT
VDD
to Host
Memory
power
Lithium
Coin Cell
MIC845
Nano-Power Battery Monitor


Similar Part No. - MIC845

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
MIC845HBC5 MICREL-MIC845HBC5 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
MIC845HYC5 MICREL-MIC845HYC5 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
MIC845LBC5 MICREL-MIC845LBC5 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
MIC845LYC5 MICREL-MIC845LYC5 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
More results

Similar Description - MIC845

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
BATTERY OPERATED POWER COMPARATOR
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
Shanghai Consonance Ele...
CN301 CONSONANCE-CN301 Datasheet
246Kb / 9P
Ultra Low Power Battery Monitor
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
Ultra Low Power Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com