Electronic Components Datasheet Search
  English  ▼

X  

MIC845 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC845
Description  Micro-Power Comparator Battery Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC845 Datasheet HTML 1Page - Micrel Semiconductor MIC845 Datasheet HTML 2Page - Micrel Semiconductor MIC845 Datasheet HTML 3Page - Micrel Semiconductor MIC845 Datasheet HTML 4Page - Micrel Semiconductor MIC845 Datasheet HTML 5Page - Micrel Semiconductor MIC845 Datasheet HTML 6Page - Micrel Semiconductor MIC845 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
MIC845
July 2005
2
M9999-070505
(408) 955-1690
Ordering Information
Part Number
Standard
Marking
Pb-Free
Marking*
Temperature Range
Package
MIC845HBC5
B19
MIC845HYC5
B19
–40° to +85°C
SC-70
MIC845LBC5
B20
MIC845LYC5
B20
–40° to +85°C
SC-70
MIC845NBC5
B21
MIC845NYC5
B21
–40° to +85°C
SC-70
* Note:
Underscore on device marking indicates Pb-Free packaging.
Pin Configuration
INP GND
OUT
VDD
NIC
3
1
5
2
4
SC-70-5 (C5)
(TOP VIEW)
Pin Description
Pin Number
Pin Name
Pin Function
1
NIC
No Internal Connection. A signal applied to this pin will have no effect
on device operation.
2
GND
Ground
3
INP
Input: Analog input to the comparator. When VINP > VREF+ VHYST, VOUT is
asserted, and the condition is held until VINP < VREF.
OUT
(“N” Version)
Output: Active-high, open-drain output. This output is low when
VINP < VREF, indicating a low voltage input. The output is high when
VINP > VREF + VHYST.
OUT
(“H” Version)
Output: Active-high, Push-pull output. This output is low when
VINP < VREF, indicating a low voltage condition. The output is high when
VINP > VREF+ VHYST.
4
OUT
(“L” Version)
Output: Active-low, Push-pull output. This output is high when
VINP < VREF, indicating a low voltage condition. The output is low when
VINP > VREF+ VHYST.
5
VDD
Power Supply (Input): Independent supply input for internal circuitry.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com