Electronic Components Datasheet Search
  English  ▼

X  

MIC845 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC845
Description  Micro-Power Comparator Battery Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC845 Datasheet HTML 1Page - Micrel Semiconductor MIC845 Datasheet HTML 2Page - Micrel Semiconductor MIC845 Datasheet HTML 3Page - Micrel Semiconductor MIC845 Datasheet HTML 4Page - Micrel Semiconductor MIC845 Datasheet HTML 5Page - Micrel Semiconductor MIC845 Datasheet HTML 6Page - Micrel Semiconductor MIC845 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Micrel, Inc.
MIC845
July 2005
4
M9999-070505
(408) 955-1690
Typical Characteristics
-200
0
200
400
600
800
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IDD vs. Temperature
VDD = 4.5V
VIN = 0V
VDD = 0V
VIN = 4.5V
-2000
-1500
-1000
-500
0
500
1000
1500
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IIN vs. Temperature
VDD = 0V
VIN = 4.5V
VDD = 4.5V
VIN = 0V
-200
0
200
400
600
800
1000
1200
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IDD vs. Temperature
VDD = 3V
VIN = 4.2V
VDD = 0V
VIN = 4.2V
-200
0
200
400
600
800
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IIN vs. Temperature
VDD = 0V
VIN = 4.2V
VDD = 3V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com