Electronic Components Datasheet Search
  English  ▼

X  

MIC2860_D Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2860_D
Description  High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2860_D Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2860_D Datasheet HTML 1Page - Micrel Semiconductor MIC2860_D Datasheet HTML 2Page - Micrel Semiconductor MIC2860_D Datasheet HTML 3Page - Micrel Semiconductor MIC2860_D Datasheet HTML 4Page - Micrel Semiconductor MIC2860_D Datasheet HTML 5Page - Micrel Semiconductor MIC2860_D Datasheet HTML 6Page - Micrel Semiconductor MIC2860_D Datasheet HTML 7Page - Micrel Semiconductor MIC2860_D Datasheet HTML 8Page - Micrel Semiconductor MIC2860_D Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC2860-D
High Efficiency 2 Channel WLED Driver
with Single Wire Digital Control
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC2860-2D is a high efficiency White LED (WLED)
driver designed to drive two WLEDs and greatly extend
battery life for portable display backlighting, and keypad
backlighting in low cost mobile devices. The MIC2860-2D
architecture provides the highest possible efficiency by
eliminating switching losses present in traditional charge
pumps or inductive boost circuits. It features a typical
dropout of 52mV at 30.2mA per channel. This allows the
WLEDs to be driven directly from the battery eliminating
switching noise and losses present with the use of boost
circuitry.
The two channels have better than ±0.5% matching, which
ensures uniform display illumination under all conditions.
The WLEDs brightness is externally preset by a resistor
and dimmed using a single wire digital control signal. The
MIC2860-2D single wire digital interface accepts digital
programming pulses providing 32 dimming steps.
The MIC2860-2D is available in Thin SOT-23 and SC-70
six pin packages with a junction temperature range of
-40
°C to +125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High Efficiency (no switching losses)
• No charge pumps
• 2 WLED driver channels
• Single wire digital control
• Input voltage range: 3.0V to 5.5V
• WLED driver dropout of 52mV at 30.2mA
• Matching better than ±0.5% (typical)
• Current Accuracy better than ±1.0% (typical)
• Available in Thin SOT-23 and SC-70 6 pin packages
Applications
• Mobile handsets
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable applications
____________________________________________________________________________________________________________
Typical Application
LCD Display Backlight with 2 WLEDs
July 2010
M9999-072010-A


Similar Part No. - MIC2860_D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2860-D MICREL-MIC2860-D Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
More results

Similar Description - MIC2860_D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com