Electronic Components Datasheet Search
  English  ▼

X  

MIC2860_D Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2860_D
Description  High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2860_D Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2860_D Datasheet HTML 1Page - Micrel Semiconductor MIC2860_D Datasheet HTML 2Page - Micrel Semiconductor MIC2860_D Datasheet HTML 3Page - Micrel Semiconductor MIC2860_D Datasheet HTML 4Page - Micrel Semiconductor MIC2860_D Datasheet HTML 5Page - Micrel Semiconductor MIC2860_D Datasheet HTML 6Page - Micrel Semiconductor MIC2860_D Datasheet HTML 7Page - Micrel Semiconductor MIC2860_D Datasheet HTML 8Page - Micrel Semiconductor MIC2860_D Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel Inc.
MIC2860-2D
July 2010
3
M9999-072010-A
Absolute Maximum Ratings(1)
Main Input Voltage (VIN) ................................... -0.3V to +6V
Enable Input Voltage (VSC).................................-0.3V to VIN
LED Driver Voltage (VD1, D2) ..............................-0.3V to VIN
Power Dissipation .....................................Internally Limited
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts) ..........................-65°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings(2)
Supply Voltage (VIN)..................................... +3.0V to +5.5V
Enable Input Voltage (VSC) .................................... 0V to VIN
LED Driver Voltage (VD1, D2) .................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
SC-70 (
θJA).....................................................256 °C /W
SOT-23 (
θJA) ..................................................177 °C /W
Electrical Characteristics
VIN = VSC = 3.6V, CIN = 1µF, RSET = 9.53kΩ; VD1, D2 = 0.6V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ 85°C; unless
noted.
Parameter
Conditions
Min
Typ
Max
Units
Current Accuracy
(4)
27.18
30.2
33.22
mA
Matching
(5)
±0.5
±3
%
Drop-out (VD1, D2)
Where ILED = 90% of LED current seen at
VDROPNOM = 0.6V, 100% brightness level
52
125
mV
Ground/Supply Bias Current
IOUT = 30.2mA
0.7
1.5
mA
Shutdown Current
(current source leakage)
VSC = 0V > 500µs
0.01
1
µA
Digital Dimming
Logic Low
0.4
V
VSC Input Voltage
Logic High
1.4
V
VSC Enable Input Current
VSC = 1.2V
0.01
1
µA
tSHUTDOWN
Time SC pin is low to put into shutdown
100
500
µs
tPROG_HIGH, tPROG_LOW
Time for valid SC edge; Ignored if outside limit range
0.3
75
µs
tSTART_UP
Delay from SC is high to start up
33
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. As determined by average current of all channels in use and all channels loaded.
5. The current through each LED meets the stated limits from the average current of all LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com