Electronic Components Datasheet Search
  English  ▼

X  

MIC2860_D Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2860_D
Description  High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2860_D Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2860_D Datasheet HTML 1Page - Micrel Semiconductor MIC2860_D Datasheet HTML 2Page - Micrel Semiconductor MIC2860_D Datasheet HTML 3Page - Micrel Semiconductor MIC2860_D Datasheet HTML 4Page - Micrel Semiconductor MIC2860_D Datasheet HTML 5Page - Micrel Semiconductor MIC2860_D Datasheet HTML 6Page - Micrel Semiconductor MIC2860_D Datasheet HTML 7Page - Micrel Semiconductor MIC2860_D Datasheet HTML 8Page - Micrel Semiconductor MIC2860_D Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel Inc.
MIC2860-2D
July 2010
4
M9999-072010-A
Typical Characteristics
Dropout Voltage
vs. RSET
0
10
20
30
40
50
60
70
5
1015
20
2530
35
RSET (kΩ)
LED1
LED2
Peak LED Current
vs. RSET
0
5
10
15
20
25
30
35
8
1216
20
2428
32
RSET (kΩ)
Dropout Voltage
vs. Brightness Level
0
25
50
75
100
125
0
5
10
15
20
25
30
35
BRIGHTNESS LEVEL
LED2
LED1
RSET = 9.53kΩ
Dropout Voltage
vs. Temperature
0
20
40
60
80
100
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
BL-31
BL-0
BL-11
BL-21
RSET = 9.53kΩ
Matching
vs. Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40 -20
0
20
40 60
80 100 120
TEMPERATURE (°C)
BL-31
BL-21
BL-11
RSET = 9.53kΩ
LED Current
vs.Temperature
28.0
28.5
29.0
29.5
30.0
30.5
31.0
31.5
32.0
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
LED1-BL31
LED2-BL31
RSET = 9.53kΩ
LED Current
vs. Temperature
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
LED1-BL21
LED2-BL21
RSET = 9.53kΩ
LED Current
vs. Temperature
10.0
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
-40 -20
0
20
40 60
80 100 120
TEMPERATURE (°C)
LED1-BL11
LED2-BL11
RSET = 9.53kΩ
Note: BL = Brightness Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com