Electronic Components Datasheet Search
  English  ▼

X  

MIC2860_D Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2860_D
Description  High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2860_D Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2860_D Datasheet HTML 1Page - Micrel Semiconductor MIC2860_D Datasheet HTML 2Page - Micrel Semiconductor MIC2860_D Datasheet HTML 3Page - Micrel Semiconductor MIC2860_D Datasheet HTML 4Page - Micrel Semiconductor MIC2860_D Datasheet HTML 5Page - Micrel Semiconductor MIC2860_D Datasheet HTML 6Page - Micrel Semiconductor MIC2860_D Datasheet HTML 7Page - Micrel Semiconductor MIC2860_D Datasheet HTML 8Page - Micrel Semiconductor MIC2860_D Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel Inc.
MIC2860-2D
July 2010
2
M9999-072010-A
Ordering Information
Part Number
Mark Code
(1)
Temperature Range
Package
(2)
MIC2860-2DYC6
62D
–40°C to +85°C
6-Pin SC-70
MIC2860-2DYD6
602D
–40°C to +85°C
6-Pin Thin SOT-23
Note:
1. Under bar symbol ( _ ) may not be to scale.
2. Package is GREEN RoHS compliant. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
6-Pin SC-70 (C6)
(Top View)
6-Pin Thin SOT-23 (D6)
(Top View)
Pin Description
Pin Number
MIC2860-2D
Pin Name
Pin Function
1
SC
Serial Control Digital input. Do not leave floating.
2
GND
Ground.
3
VIN
Voltage Input. Connect at least 1µF ceramic capacitor between VIN and GND.
4
D2
LED2 driver. Connect LED anode to VIN and cathode to this pin. Do not leave floating.
(1)
5
RSET
Connect an external resistor from this pin to GND to set the maximum LED current. Example,
apply a 9.53kΩ resistor between RSET and GND to set LED current to 30mA at 100% duty
cycle.
6
D1
LED1 driver. Connect LED anode to VIN and cathode to this pin. Do not leave floating.
(1)
Note 1. When driving only 1 LED, connect D1 and D2 in parallel to the LED cathode and adjust the RSET resistor for half the desired output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com