Electronic Components Datasheet Search
  English  ▼

X  

MIC281 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC281 Datasheet HTML 2Page - Micrel Semiconductor MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor MIC281 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC281
Micrel
MIC281
6
November 2004
Functional Description
Serial Port Operation
TheMIC281usesstandardSMBusWrite_ByteandRead_Byte
operations for communication with its host. The SMBus
Write_Byte operation involves sending the device’s slave
address (with the R/W bit low to signal a write operation),
followed by a command byte and the data byte. The SMBus
Read_Byteoperationisacompositewriteandreadoperation:
the host first sends the device’s slave address followed by
the command byte, as in a write operation. A new start bit
must then be sent to the MIC281, followed by a repeat of the
slave address with the R/W bit (LSB) set to the high (read)
state. The data to be read from the part may then be clocked
out. These protocols are shown in Figures 1 and 2.
The Command byte is eight bits (one byte) wide. This byte
carries the address of the MIC281 register to be operated
upon.Thecommandbytevaluescorrespondingtothevarious
MIC281 registers are shown in Table 1. Other command byte
values are reserved, and should not be used.
S 1 0 0 1 A2 A1 A0 0 A X X X X X X X X A
D4
D5
D6
D3 D2 D1 D0
D7
/A P
MIC281 Slave Address
DATA
CLK
Command Byte
Data Byte to MIC281
START
STOP
R/W = WRITE
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 1. Write_Byte Protocol
S 1 0 0 1 X X X
X X X
0 A X X X X X X X X A S 1
1
1
0 0
X
X
X
X X X X
A X
/A P
MIC281 Slave Address
DATA
CLK
Command Byte
MIC281 Slave Address
Data Read From MIC281
START
START
STOP
R/W = WRITE
R/W = READ
ACKNOWLEDGE
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 2. Read_Byte Protocol
Command Byte
Power-on
Target Register
Value
Default
Label
Description
Read
Write
TEMP
Remote temperature result
01h
n/a
00h (0°C)
CONFIG
Configuration
03h
03h
80h
MFG_ID
Manufacturer identification
FEh
n/a
2Ah
DEV_ID
Device and revision identification
FFh
n/a
0xh*
* The lower nibble contains the die revision level, e.g., Rev 0 = 00h.
Table 1. MIC281 Register Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com