Electronic Components Datasheet Search
  English  ▼

X  

MIC281 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC281 Datasheet HTML 1Page - Micrel Semiconductor MIC281 Datasheet HTML 2Page - Micrel Semiconductor MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2004
3
MIC281
MIC281
Micrel
Absolute Maximum Ratings (Note 1)
Power Supply Voltage, VDD.....................................................3.8V
Voltage on T1 ........................................–0.3V to VDD+0.3V
Voltage on CLK, DATA....................................–0.3V to 6.0V
Current Into Any Pin ................................................. ±10mA
Power Dissipation, TA = 125°C................................109mW
Junction Temperature................................................ 150°C
Storage Temperature................................ –65°C to +150°C
ESD Ratings,
Note 7
Human Body Model ................................................ 1.5kV
Machine Model ........................................................ 200V
Soldering (SOT23-6 Package)
Vapor Phase (60s).........................................220 +5/–0°C
Infrared (15s) .................................................235 +5/–0°C
Operating Ratings (Note 2)
Power Supply Voltage, VDD......................... +3.0V to +3.6V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance (θJA)
SOT-23-6 ...........................................................230°C/W
Electrical Characteristics
For typical values, TA=25°C, VDD=3.3V unless otherwise noted. Bold values are for TMIN≤TA≤TMAX unless otherwise noted. Note 2
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
T1 open; CLK=DATA=High; Normal Mode
0.23
0.4
mA
Shutdown mode; T1 open; CLK = 100kHz;
9
µA
Note 5
Shutdown Mode; T1 open; CLK=DATA=High
6
µA
tPOR
Power-on reset time,
Note 5
VDD > VPOR
200
µs
VPOR
Power-on reset voltage
All registers reset to default values; A/D
2.65
2.95
V
conversions initiated
VHYST
Power-on reset hysteresis voltage
300
mV
Note 5
Temperature-to-Digital Converter Characteristics
Accuracy,
Notes 3, 5, 6
0°C ≤ TD ≤ 100°C; 0°C ≤ TA ≤ 85°C;
±
1
±
3
°C
3.15V ≤ VDD ≤ 3.45V
–40°C ≤ TD ≤ 125°C; 0°C ≤ TA ≤ 85°C;
±
2
±
5
°C
3.15V ≤ VDD ≤ 3.45V
tCONV
Conversion time,
Note 5
200
240
ms
Remote Temperature Input, T1
IF
Current into External Diode
T1 forced to 1.0V, high level
192
400
µA
Note 5
Low level
7
12
µA
Serial Data I/O Pin, DATA
VOL
Low Output Voltage,
Note 4
IOL = 3mA
0.3
V
IOL = 6mA
0.5
V
VIL
Low Input Voltage
3.0V ≤ VDD ≤ 5.5V
0.8
V
VIH
High Input Voltage
3.0V ≤ VDD ≤ 5.5V
2.1
5.5
V
CIN
Input Capacitance,
Note 5
10
pF
ILEAK
Input Current
±
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com