Electronic Components Datasheet Search
  English  ▼

X  

MIC281 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC281 Datasheet HTML 1Page - Micrel Semiconductor MIC281 Datasheet HTML 2Page - Micrel Semiconductor MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2004
1
MIC281
MIC281
Micrel
MIC281
Low-Cost IttyBitty™ Thermal Sensor IttyBitty®
REV 11/04
General Description
The MIC281 is a digital thermal sensor capable of measuring
the temperature of a remote PN junction. It is optimized for
applications favoring low cost and small size. The remote
junction may be an inexpensive commodity transistor, e.g.,
2N3906, or an embedded thermal diode such as found in
Intel Pentium* II/III/IV CPUs, AMD Athlon* CPUs, and Xilinx
Virtex* FPGAs.
The MIC281 is 100% software and hardware backward com-
patiblewiththeMIC280andfeaturesthesameindustry-leading
noise performance and small size. The advanced integrating
A/Dconverterandanalogfront-endreduceerrorsduetonoise
for maximum accuracy and minimum guardbanding.
A2-wire SMBus 2.0-compatible serial interface is provided for
host communication. The clock and data pins are 5V-tolerant
regardless of the value of VDD. They will not clamp the bus
lines low even if the device is powered down.
Superior performance, low power, and small size make the
MIC281 an excellent choice for cost-sensitive thermal man-
agement applications.
Typical Application
DATA
5
4
2
3
1
TO
SERIAL BUS
HOST
CPU DIODE
2000pF
MIC281
CLK
NC
3.3V
10k
pull-ups
VDD
T1
GND
0.1µF
MIC281 Typical Application
Features
• Remote temperature measurement using embedded
thermal diodes or commodity transistors
• Accurate remote sensing
±3°C max., 0°C to 100°C
• Excellent noise rejection
• I2C and SMBus 2.0 compatible serial interface
• SMBus timeout to prevent bus lockup
• Voltage tolerant I/Os
• Low power shutdown mode
• Failsafe response to diode faults
• 3.0V to 3.6V power supply range
• IttyBitty™ SOT23-6 Package
Applications
• Desktop, server and notebook computers
• Set-top boxes
• Game consoles
• Appliances
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IttyBitty is a registered trademark of Micrel, Inc.
*All trademarks are the property of their respective owners.


Similar Part No. - MIC281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0BM6 MICREL-MIC281-0BM6 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
693Kb / 14P
Low-Cost IttyBitty??Thermal Sensor
MIC281-1BM6 MICREL-MIC281-1BM6 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
IttyBitty??Low-Side MOSFET Driver
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
IttyBitty Charge Pump
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC6211 MICREL-MIC6211_06 Datasheet
972Kb / 7P
IttyBitty Operational Amplifier
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
IttyBitty Comparator
MIC281 MICREL-MIC281_14 Datasheet
693Kb / 14P
Low-Cost IttyBitty??Thermal Sensor
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
Precision IttyBitty??Thermal Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com