Electronic Components Datasheet Search
  English  ▼

X  

MIC281 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor MIC281 Datasheet HTML 10Page - Micrel Semiconductor MIC281 Datasheet HTML 11Page - Micrel Semiconductor MIC281 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC281
Micrel
MIC281
10
November 2004
Application Information
Remote Diode Selection
Most small-signal PNP transistors with characteristics similar
totheJEDEC2N3906willperformwellasremote temperature
sensors. Table 4 lists several examples of such parts that
Micrel has tested for use with the MIC281. Other transistors
equivalent to these should also work well.
Vendor
Part Number
Package
Fairchild Semiconductor
MMBT3906
SOT-23
On Semiconductor
MMBT3906L
SOT-23
Infineon Technologies
SMBT3906
SOT-23
Samsung Semiconductor
KST3906-TF
SOT-23
Table 4. Transistors Suitable for Use as Remote
Diodes
Minimizing Errors
Self-Heating
Oneconcernwhenusingapartwiththetemperatureaccuracy
and resolution of the MIC281 is to avoid errors induced by
self-heating (VDD × IDD) + (VOL × IOL). In order to understand
what level of error this might represent, and how to reduce
that error, the dissipation in the MIC281 must be calculated
and its effects reduced to a temperature offset. The worst-
case operating condition for the MIC281 is when VDD =
3.6V. The maximum power dissipated in the part is given in
Equation 1 below.
In most applications, the DATA pin will have a duty cycle of
substantiallybelow25%inthelowstate.Theseconsiderations,
combinedwithmoretypicaldeviceandapplicationparameters,
give a better system-level view of device self-heating. This
is illustrated by Equation 2. In any application, the best ap-
proach is to verify performance against calculation in the final
application environment. This is especially true when dealing
with systems for which some temperature data may be poorly
defined or unobtainable except by empirical means.
PD = [(IDD×VDD)+(IOL(DATA) × VOL(DATA))]
PD = [(0.4mA×3.6V)+(6mA×0.5V)]
PD = 4.44mW
Rθ(J-A) of SOT23-6 package is 230°C/W, therefore...
the theoretical maximum self-heating is:
4.44mW×230°C/W = 1.02°C
Equation 1. Worst-Case Self-Heating
PD = [(IDD×VDD)+(IOL(DATA) × VOL(DATA))]
PD = [(0.23mA×3.3V)+(25% × 1.5mA×0.15V)]
PD = 0.815mW
Rθ(J-A) of SOT23-6 package is 230°C/W, therefore...
the typical self-heating is:
0.815mW×230°C/W = 0.188°C
Equation 2. Real-World Self-Heating Example
Series Resistance
The operation of the MIC281 depends upon sensing the
VCB-Eofadiode-connectedPNPtransistor(“diode“)attwodif-
ferent current levels. For remote temperature measurements,
this is done using an external diode connected between T1
and ground. Since this technique relies upon measuring the
relatively small voltage difference resulting from two levels of
current through the external diode, any resistance in series
with the external diode will cause an error in the temperature
reading from the MIC281. A good rule of thumb is this: for
each ohm in series with the external transistor, there will be a
0.9°C error in the MIC281’s temperature measurement. It is
not difficult to keep the series resistance well below an ohm
(typically < 0.1Ω), so this will rarely be an issue.
Filter Capacitor Selection
It is usually desirable to employ a filter capacitor between the
T1 and GND pins of the MIC281. The use of this capacitor is
recommended in environments with a lot of high frequency
noise(suchasdigitalswitchingnoise),oriflongtracesorwires
are used to connect to the remote diode. The recommended
total capacitance from the T1 pin to GND is 2200pF. If the
remote diode is to be at a distance of more than 6”-12” from
the MIC281, using twisted pair wiring or shielded microphone
cable for the connections to the diode can significantly reduce
noise pickup. If using a long run of shielded cable, remember
to subtract the cable’s conductor-to-shield capacitance from
the 2200pF total capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com