Electronic Components Datasheet Search
  English  ▼

X  

MPC5602DPB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
6
3
Device family overview
This section provides a comparison of the different MPC5602D family members, presents the critical
performance parameters, and lists both the chip-level and module features as well as the available
packages.
3.1
MPC5602D family comparison
Table 2 provides a summary of the different members of the MPC5602D family and their proposed
features. This information is intended to provide an understanding of the range of functionality offered by
this family.
Real-time counter (RTC)
Provides a free-running counter and interrupt generation capability that can be
used for timekeeping applications
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the device
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit lite (SIUL) Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status and configuration
module (SSCM)
Provides system configuration and status data (such as memory size and status,
device mode and security status), device identification data, debug status port
enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR and operating
system tasks
System watchdog timer (SWT)
Provides protection from runaway code
Wakeup unit (WKPU)
Supports up to 18 external sources that can generate interrupts or wakeup
events, of which 1 can cause non-maskable interrupt requests or wakeup events.
Table 2. MPC5602D device comparison
Feature
Device
MPC5601DxLH
MPC5601DxLL
MPC5602DxLH
MPC5602DxLL
CPU
e200z0
Execution speed
Static – up to 48 MHz
Code Flash
128 KB
256 KB
Data Flash
64 KB (4 × 16 KB)
SRAM
12 KB
16 KB
eDMA
16 ch
Table 1. MPC5602D series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com