Electronic Components Datasheet Search
  English  ▼

X  

MPC5602DPB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
10
3.3
Low power operation
MPC5602D devices provide two dynamic power modes—RUN and HALT—and two static low power
modes—STANDBY and STOP.
Both low power modes use clock gating to halt the clock for all or part of the device. Additionally, the
STANDBY mode uses power gating to automatically turn off the power supply to parts of the device to
minimize leakage.
RUN modes are the main operating modes where the entire device can be powered and clocked. Four
dynamic RUN modes are supported—RUN0 - RUN3. The ability to configure and select different RUN
modes enables different clocks and power configurations to be supported with respect to each other and to
allow switching between different operating conditions. The necessary peripherals, clock sources, clock
speed and systems clock prescalers can be independently configured for each of the four RUN modes of
the device.
HALT mode is a reduced activity, low power mode intended for moderate periods of lower processing
activity. In this mode the core system clocks are stopped but user-selected peripheral tasks can continue to
run. It can be configured to provide more efficient power management features (switch-off PLL, Flash
memory, main regulator, etc.) at the cost of longer wake up latency. The system returns to RUN mode as
soon as an event or interrupt is pending.
STOP mode maintains power to the entire device allowing the retention of all on-chip registers and
memory, and providing a faster recovery low power mode than the lowest STANDBY mode. There is no
need to reconfigure the device before executing code. The clocks to the core and peripherals are halted and
can be optionally stopped to the oscillator or PLL at the expense of a slower start-up time.
STOP is entered from RUN mode only. Wakeup from STOP mode is triggered by an external event or by
the internal periodic wakeup, if enabled.
Table 6. FMPLL characteristics1
NOTES:
1 Please refer to the data sheet for up-to-date values on current consumption. The values presented
in this table are only estimates and have not been validated.
Parameter
Value2
2 TBD: To be defined
Reference frequency range
4 MHz – 16 MHz
CPU clock frequency range
0 Hz – 48 MHz
PLL multipliers
TBD
PLL dividers
TBD
PLL output frequency
16 – 48 MHz
Modulation depth
4%
Modulation frequency
TBD
PLL long term jitter
10 ns
PLL stabilization time3
3 Typical stabilization time with stable oscillator (f
PLLIN = 16 MHz)
<200 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com