Electronic Components Datasheet Search
  English  ▼

X  

MPC5602DPB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5602DPB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Freescale Semiconductor
Product Brief
Document Number: MPC5602DPB
Rev. 3.1, 02/2011
Contents
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Preliminary—Subject to Change Without Notice
The 32-bit MPC5602D automotive microcontrollers are
a family of system-on-chip (SoC) devices designed to be
central to the development of the next wave of central
vehicle body controller, smart junction box, front
module, peripheral body, door control and seat control
applications.
The MPC5602D family is one of a series of
next-generation automotive microcontrollers based on
the Power Architecture® technology and designed
specifically for embedded applications.
This document describes the features of the device and
options available within the family members, and
highlights important electrical and physical
characteristics of the device.
MPC5602D Microcontroller Product
Brief
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
MPC5602D features . . . . . . . . . . . . . . . . . . . . . . . . 2
2
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Device family overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1
MPC5602D family comparison . . . . . . . . . . . . . . . . 6
3.2
Critical performance parameters . . . . . . . . . . . . . . . 7
3.3
Low power operation . . . . . . . . . . . . . . . . . . . . . . . 10
3.4
Chip-level features. . . . . . . . . . . . . . . . . . . . . . . . . 11
3.5
Module features. . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.6
Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
4
Application example . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
4.1
Body controller application example . . . . . . . . . . . 24
5
Developer environment . . . . . . . . . . . . . . . . . . . . . . . . . . 24
6
Orderable parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
7
Revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


Similar Part No. - MPC5602DPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5602D FREESCALE-MPC5602D Datasheet
692Kb / 77P
Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
MPC5602D Microcontroller Reference Manual
MPC5602DXLH FREESCALE-MPC5602DXLH Datasheet
692Kb / 77P
Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
More results

Similar Description - MPC5602DPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554 FREESCALE-MPC5554 Datasheet
150Kb / 12P
MPC5554 Microcontroller Product Brief
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
MPC5602D Microcontroller Reference Manual
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com