Electronic Components Datasheet Search
  English  ▼

X  

MPC5602DPB Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
•
6 chip select lines for DSPI_0 and 5 for DSPI_1, depending on package and pin multiplexing, to
enable 64 external devices to be selected using external muxing from a single DSPI
•
Up to 8 transfer types, independently configurable for each DSPI using the clock and transfer
attributes registers
•
Chip select strobe available as alternate function on one of the chip select pins for deglitching
•
FIFOs for buffering up to 4 transfers on the transmit and receive side
•
General purpose I/O functionality on pins when not used for SPI
•
Queueing operation possible through use of eDMA
•
32-bit serialization of data enabling virtual GPIO ports on two DSPI modules
3.5.10
Controller Area Network Module (FlexCAN)
MPC5602D devices have one FlexCAN module. Features include:
•
Compliant with CAN protocol specification, version 2.0B active
•
32 mailboxes
— Mailboxes configurable while module remains synchronized to CAN bus
— Each mailbox configurable as transmit or receive
•
Transmit features
— Supports configuration of multiple mailboxes to form message queues of scalable depth
— Arbitration scheme according to message ID or message buffer number
— Internal arbitration to guarantee no inner or outer priority inversion
— Transmit abort procedure and notification
•
Receive features
— 2 mailboxes filtered
•
Programmable clock source
— System clock
— Direct oscillator clock to avoid PLL jitter
•
Listen-only mode capabilities
3.5.11
System clocks and clock generation
The following list summarizes the system clock and clock generation on the MPC5602D:
•
System clock can be derived from the following sources
— External crystal oscillator
—FMPLL
— 16 MHz fast internal RC oscillator
•
Programmable output clock divider of system clock (
1, 2, 4)
•
Separate programmable peripheral bus clock divider ratio (
1, 2, 4) applied to system clock
•
Frequency modulated phase-locked loop (FMPLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com