Electronic Components Datasheet Search
  English  ▼

X  

MICRF008YM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF008YM
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008YM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF008YM Datasheet HTML 5Page - Micrel Semiconductor MICRF008YM Datasheet HTML 6Page - Micrel Semiconductor MICRF008YM Datasheet HTML 7Page - Micrel Semiconductor MICRF008YM Datasheet HTML 8Page - Micrel Semiconductor MICRF008YM Datasheet HTML 9Page - Micrel Semiconductor MICRF008YM Datasheet HTML 10Page - Micrel Semiconductor MICRF008YM Datasheet HTML 11Page - Micrel Semiconductor MICRF008YM Datasheet HTML 12Page - Micrel Semiconductor MICRF008YM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
9
M9999-080108
Test Circuit
SEL0
VSS
REFOSC
REFOSC
ANT
CAGC
VDD
CTH
DO
C4
Z5
C5
R2
R1
U1
MICRF008BM
+5V
+5V
DO
C3
Y1
ANT1
C6
C2
C1
J1
1
2
3
4
8
7
6
5
JP1
Z4
Z3
Z1
Z = ±jX
J2
Z2
1
Test Circuit and Application Information
The test circuit is based on the EVAL8 PCB Design.
Gerbers, the bill of material and complete schematic are
available at Micrel website:
(http://www.micrel.com/product-info/qwikradio.shtml).
EVAL8 provides the means for a complete evaluation of
the MICRF008YM. It is not intended as a final receiver
design. For final receiver applications, look for the RX8-x
series of reference designs. The board is a FR4
material, 0.062 inch thick, in two layers. It is strongly
recommended that all RF designs are made in a
minimum two-layer board, one side being as solid
ground as possible. Blank EVAL8 boards are available
for selected customers. To obtain a blank board contact
your
local
Micrel
representative/distributor.
Four
drawings are shown below, the top layer, bottom layer,
the top silkscreen layer, and the bottom silkscreen layer.
The size of the board is 0.910 x 0.760 inches. It provides
the means to test the part thoroughly.
Figure 7a. Top Layer
Figure 7b. Bottom Layer
Figure 7c. Top Silkscreen Layer
Figure 7d. Bottom Silkscreen Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com