Electronic Components Datasheet Search
  English  ▼

X  

MICRF008YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF008YM
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF008YM Datasheet HTML 1Page - Micrel Semiconductor MICRF008YM Datasheet HTML 2Page - Micrel Semiconductor MICRF008YM Datasheet HTML 3Page - Micrel Semiconductor MICRF008YM Datasheet HTML 4Page - Micrel Semiconductor MICRF008YM Datasheet HTML 5Page - Micrel Semiconductor MICRF008YM Datasheet HTML 6Page - Micrel Semiconductor MICRF008YM Datasheet HTML 7Page - Micrel Semiconductor MICRF008YM Datasheet HTML 8Page - Micrel Semiconductor MICRF008YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
2
M9999-080108
Ordering Information
Part Number
Junction Temperature Range
Package
Lead Finish
MICRF008YM
–40°C to +85°C
8-Pin SOIC
Pb-Free
Pin Configuration
1
SEL0
ANT
VDD
CTH
8REFOSC
CAGC
VSS
DO
7
6
5
2
3
4
8-Pin SOIC (M)
Pin Description
Pin Number
SOIC-8
Pin Name
Pin Name
1
SEL0
Bandwidth Selection Bit 0 (Digital Input): Sets the desired demodulator filter bandwidth. See
Table 1. Internally pulled-up to VDD.
2
ANT
Antenna (Input): High-impedance, internally AC-coupled receiver input. Connect this pin to the
matching network. See
“Applications Information” for optional band-pass filter information.
3
VDD
Positive Supply Input: Connect a low ESL, low ESR decoupling capacitor from this pin to VSS,
as short as possible.
4
CTH
Data Slicing Threshold Capacitor (External Component): Capacitor extracts the DC average
value from the demodulated waveform which becomes the reference for the internal data slicing
comparator. See
“Applications Information” for selection.
5
DO
Data Output (Output): CMOS-level compatible data output signal.
6
VSS
Negative Supply Input: Connect this pin to the RF ground.
7
CAGC
AGC Capacitor (External Component): Integrating capacitor for on-chip AGC (automatic gain
control). The decay/attack time-constant (τ) ratio is nominally 10:1. See
“Applications
Information” for capacitor selection.
8
REFOSC
Reference Oscillator (External Component or Input): Timing reference for on-chip tuning and
alignment. Connect either a ceramic resonator or a crystal between this pin and VSS, or drive
the input with an AC-coupled 0.5VPP input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com