Electronic Components Datasheet Search
  English  ▼

X  

MICRF008YM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF008YM
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008YM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF008YM Datasheet HTML 1Page - Micrel Semiconductor MICRF008YM Datasheet HTML 2Page - Micrel Semiconductor MICRF008YM Datasheet HTML 3Page - Micrel Semiconductor MICRF008YM Datasheet HTML 4Page - Micrel Semiconductor MICRF008YM Datasheet HTML 5Page - Micrel Semiconductor MICRF008YM Datasheet HTML 6Page - Micrel Semiconductor MICRF008YM Datasheet HTML 7Page - Micrel Semiconductor MICRF008YM Datasheet HTML 8Page - Micrel Semiconductor MICRF008YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
4
M9999-080108
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive, use appropriate ESD precautions. Meets class 1 ESD test requirements, (human body model HBM), in accordance with
MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
4. Specification for packaged product only.
5. Sensitivity is defined as the average signal level measured at the input necessary to achieve 10–
2 BER (bit error rate). The input signal is defined as
a return-to-zero (RZ) waveform with 50% average duty cycle at a data rate of 1kbps (Manchester encoded). The RF input is assumed to be matched
into 50Ω.
6. Sensitivity, a commonly specified receiver parameter, provides an indication of the receiver’s input referred noise, generally input thermal noise.
However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a less sensitive receiver if the background
noise is appreciably higher than the thermal noise. Background noise refers to other interfering signals, such as FM radio stations, pagers, etc.
A better indicator of achievable receiver range performance is usually given by its selectivity, often stated as intermediate frequency (IF) or radio
frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of ambient noise. More selective
receivers will almost invariably provide better range. Only when the receiver selectivity is so high that most of the noise on the receiver input is
actually thermal will the receiver demonstrate sensitivity-limited performance.
7. Parameter scales linearly proportional with reference oscillator frequency fT. For any reference oscillator frequency other than 3.36MHz, compute
new parameter value as the ratio:
3.36MHz)
at
value
(parameter
3.36MHz
MHz
REFOSC
f
×
8. Spurious reverse isolation represents the spurious components which appear on the RF input pin (ANT) measured into 50Ω with an input RF
matching network
9. Series resistance of the resonator (ceramic resonator or crystal) should be minimized to the extent possible. In cases where the resonator series
resistance is too great, the oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely. Micrel recommends that series
resistances for ceramic resonators and crystals not exceed 50Ω and 100Ω respectively.
10. Parameter scales linearly proportional with reference oscillator frequency fT. For any reference oscillator frequency other than 3.36MHz, compute
new parameter value as the ratio:
3.36MHz)
at
value
(parameter
MHz
REFOSC
f
3.36MHz
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com