Electronic Components Datasheet Search
  English  ▼

X  

MICRF008YM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF008YM
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008YM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF008YM Datasheet HTML 5Page - Micrel Semiconductor MICRF008YM Datasheet HTML 6Page - Micrel Semiconductor MICRF008YM Datasheet HTML 7Page - Micrel Semiconductor MICRF008YM Datasheet HTML 8Page - Micrel Semiconductor MICRF008YM Datasheet HTML 9Page - Micrel Semiconductor MICRF008YM Datasheet HTML 10Page - Micrel Semiconductor MICRF008YM Datasheet HTML 11Page - Micrel Semiconductor MICRF008YM Datasheet HTML 12Page - Micrel Semiconductor MICRF008YM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
11
M9999-080108
CTH Capacitor
In order to calculate the right value for the CTH capacitor,
the data format needs to have a preamble that
resembles the data pattern, that is it has the same
period and duty cycle. (See “Application Hint 42”) If the
data pattern has no preamble, a large capacitor value
should be used, such as 1μF to 2.2μF. However, if the
data pattern has a preamble, the CTH capacitor can be
calculated and should be used instead of a large
capacitor. This will guarantee a stable and reliable
performance for the receiver. If the data pattern has
variable data rates, the CTH capacitor should be
calculated for the lowest data rate and optimized in
range tests. To find the CTH capacitor value follow the
procedure below:
1. Find the data period or bit period, and the
reference oscillator frequency. The reference
oscillator frequency is the RF carrier frequency
divided by 129. The bit period is the elapsed
time from one high and one low of the data
pattern.
2. The CTH capacitor is calculated by:
[]
F
10
144.55
REFOSC
period
bit
5
C
3
TH
×
×
×
=
where:
REFOSC is the reference oscillator frequency in MHz.
Bit period is given in seconds and is the inverse of the
baud rate for Manchester encoding.
The result obtained is in farads.
It follows the CTH capacitor value for the common
frequencies mentioned above in the Table 4. Again, as
mentioned before, the data pattern needs preamble.
Baud Rate (Hz)
Frequency
(MHz)
1000
CTH
2400
CTH
4800
CTH
315
82nF
39nF
18nF
390
100nF
47nF
22nF
418
120nF
47nF
22nF
433.93
120nF
47nF
22nF
Table 4. Recommended CTH Capacitor Values
CAGC Capacitor
The function of the CAGC capacitor is to minimize the
ripple on the AGC control voltage by using a sufficiently
large capacitor. It is suggested a value between 1μF to
10μF depending on data dead time, noise, and recovery
time from strong to low RF signals. Large capacitor
values can be connected to VDD if fast charge time is
required (C2). When connected to VDD, it will charge 10
times faster. The drawback is the ripple noise from AGC
pin being thrown into the VDD line. The signal on this pin
is current-based, with an attack current of 15μA, and a
decay current of 1.5μA. It is suggested the following
values for the CAGC capacitors in the Table 5. Values can
be further optimized during receiver range tests.
Baud Rate (Hz)
CAGC (µF)
1000
4.7 to 10
2400
2.2 to 4.7
4800
1 to 2.2
Table 5. Recommended Values for CAGC
Reference Oscillator Frequency
A Colpitts oscillator inside the chip generates the
reference oscillator frequency. It requires a resonator of
some kind connected to the REFOSC pin. Either a
ceramic resonator or a crystal can be used. A resonator
is chosen due to its lower cost and because the
MICRF008YM is running in sweep mode, which does not
require the precision of a crystal. Resonators found in
the market normally have a precision of 0.5%. This
precision is sufficient for the MICRF008YM. The
reference oscillator frequency can also be generated by
an external source through connector J1 and capacitor
C1. The maximum level should not exceed 0.5VRMS. The
reference oscillator frequency is calculated by the
following equation and Table 6 shows the resonator
frequency for the most common used frequencies:
129
fc
REFOSC
=
where:
•
REFOSC is the reference oscillator frequency in
MHz.
•
fc is the RF received carrier frequency of interest
in MHz.
Frequency (MHz)
REFOSC (MHz)
315
2.44
390
3.02
418
3.24
433.92
3.36
Table 6. Reference Oscillator Frequency
For a list of ceramic resonator manufactures, see
“Application Hint 35.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com