Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF213 Datasheet HTML 1Page - Micrel Semiconductor MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
5
M9999-052307-A
(408) 944-0800
Typical Characteristics
Sensitivity Graphs
0
0.5
1.0
1.5
2.0
2.5
-120
-100
-80
-60
-40
-20
INPUT POWER (dBm)
RSSI Voltage
vs. Input Power
3.0
3.5
4.0
4.5
280
300
320
340
360
FREQUENCY (MHz)
DC Current
vs. Frequency
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
304
308
312
316
320
324
FREQUENCY (MHz)
Selectivity
vs. Frequency Response
-116
-114
-112
-110
-108
-106
1.00E-04 1.00E-03
1.00E-02 1.00E-01
BER
Sesitivity
vs. BER
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-150
-100
-50
0
INPUT POWER (dBm)
AGC Voltage
vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com