Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF213 Datasheet HTML 1Page - Micrel Semiconductor MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
3
M9999-052307-A
(408) 944-0800
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) .................................................+5V
Input Voltage .............................................................+5V
Junction Temperature ......................................... +150ºC
Lead Temperature (soldering, 10sec.) .................. 260°C
Storage Temperature (TS) .....................-65°C to +150°C
Maximum Receiver Input Power ........................+10dBm
EDS Rating
(3) .................................................. 3KV HBM
Operating Ratings
(2)
Supply voltage (VDD).............................+3.0V to +3.6V
Ambient Temperature (TA)................ –40°C to +105°C
Input Voltage (VIN) ...................................... 3.6V (Max)
Maximum Input RF Power .............................. –20dBm
Electrical Characteristics
(4)
Specifications apply for 3.0V < VDD < 3.6V, VSS = 0V, CAGC = 4.7µF, CTH = 0.47µF, fRX = 315 MHz unless otherwise noted.
Bold values indicate –40°C - TA - 105°C. 900bps data rate (Manchester encoded), reference oscillator frequency = 9.81563 MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Operating Supply Current
Continuous Operation, fRX = 315MHz
3.9
mA
ISHUT
Shut down Current
0.33
µA
RF/IF Section
Image Rejection
20
dB
1
st IF Center Frequency
fRX = 315MHz
0.86
MHz
Receiver Sensitivity @
1kbps
fRX = 315MHz (matched to 50Ω) BER=10
-2
-110
dBm
IF Bandwidth
fRX = 315MHz
235
kHz
Antenna Input
Impedance
fRX = 315MHz
32.5 –
j235
Ω
Receive Modulation Duty
Cycle
Note 5
20
80
%
AGC Attack / Decay
Ratio
tATTACK / tDECAY
0.1
AGC pin leakage current
TA = 25ºC
TA = +105ºC
±2
±800
nA
nA
RFIN @ -50dBm
1.13
V
AGC Dynamic Range
RFIN @ -110dBm
1.70
V
Reference Oscillator
Reference Oscillator
Frequency
fRX = 315MHz
Crystal Load Cap = 10pF
9.81563
MHz
Reference Oscillator
Input Impedance
300
k
Ω
Reference Oscillator
Input Range
0.2
1.5
Vp-p
Reference Oscillator
Source Current
V(REFOSC) = 0V
3.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com