Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor MICRF213 Datasheet HTML 11Page - Micrel Semiconductor MICRF213 Datasheet HTML 12Page - Micrel Semiconductor MICRF213 Datasheet HTML 13Page - Micrel Semiconductor MICRF213 Datasheet HTML 14Page - Micrel Semiconductor MICRF213 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
11
M9999-052307-A
(408) 944-0800
For best results, the values should always be
optimized for the data pattern used. As the baud rate
increases, the capacitor values decrease. Table 9
shows suggested values for Manchester Encoded
data at 50% duty cycle.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Cth
Cagc
Short
Short
1400
100nF
4.7uF
Open
Short
2800
47nF
2.2uF
Short
Open
5300
22nF
1uF
Open
Open
9700
10nF
0.47uF
Table 9. Suggested Cth and Cagc Values
JP3 is a jumper used to configure the digital squelch
function. When it is high, there is no squelch applied
to the digital circuits and the DO (data out) pin yields a
hash signal. When the pin is low, the DO pin activity is
considerably reduced. It will have more or less than
shown in the figure below depending upon the outside
band noise. The penalty for using squelch is a delay in
obtaining a good signal in the DO pin. That is, it takes
longer for the data to show up. The delay is
dependent upon many factors such as RF signal
intensity, data profile, data rate, Cth and Cagc
capacitor values, and outside band noise. See Figure
8 and 9.
Figure 8. Data Out Pin with No Squelch (SQ = 1)
DO Pin
Figure 9. Data Out Pin with Squelch (SQ = 0)
Other components used include: C5, which is a
decoupling capacitor for the Vdd line; R4 reserved for
future use and not needed for the evaluation board;
R3 for the shutdown pin (SHDN = 0, device is
operation), which can be removed if that pin is
connected to a microcontroller or an external switch;
and R1 and R2 which form a voltage divider for the
AGC pin. One can force a voltage in this AGC pin to
purposely decrease the device sensitivity. Special
care is needed when doing this operation, as an
external control of the AGC voltage may vary from lot
to lot and may not work the same in several devices.
Three other pins need to be discussed as well. They
are the DO, RSSI, and shut down pins. The DO pin
has a driving capability of 0.4mA. This is good enough
for most of the logic families ICs in the market today.
The RSSI pin provides a transfer function of the RF
signal intensity vs. voltage. It is very useful to
determine the signal to noise ratio of the RF link,
crude range estimate from the transmitter source and
AM
demodulation,
which
requires
a
low
Cagc
capacitor value.
DO Pin
The shut down pin (SHDN) is useful to save energy.
Making its level close to Vdd (SHDN = 1), the device
is then not in operation. Its DC current consumption is
less than 1µA (do not forget to remove R3). When
toggling from high to low, there will be a time required
for the device to come to steady state mode, and a
time for data to show up in the DO pin. This time will
be dependent upon many things such as temperature,
crystal used, and if the there is an external oscillator
with faster startup time. Crystal vendors suggest that
the data will show up in the DO pin around 1msec
time, and 2msec over the temperature range of the
device. See Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com