Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor MICRF213 Datasheet HTML 11Page - Micrel Semiconductor MICRF213 Datasheet HTML 12Page - Micrel Semiconductor MICRF213 Datasheet HTML 13Page - Micrel Semiconductor MICRF213 Datasheet HTML 14Page - Micrel Semiconductor MICRF213 Datasheet HTML 15Page - Micrel Semiconductor MICRF213 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
14
M9999-052307-A
(408) 944-0800
Figure 13. QR211/213HE1 Top Silkscreen Layer
Figure 14. QR211/213HE1 Bottom Silkscreen Layer, Mirror Image
Figure 15. QR211/213HE1 Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com