Electronic Components Datasheet Search
  English  ▼

X  

8561 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 8561
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8561 Datasheet(HTML) 3 Page - Unisonic Technologies

  8561 Datasheet HTML 1Page - Unisonic Technologies 8561 Datasheet HTML 2Page - Unisonic Technologies 8561 Datasheet HTML 3Page - Unisonic Technologies 8561 Datasheet HTML 4Page - Unisonic Technologies 8561 Datasheet HTML 5Page - Unisonic Technologies 8561 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8561
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-444.a
BLOCK DIAGRAM
-
+
VOLTAGE
REGULATOR
OVER-VOLTAGE
DETECTION
R
Q
S
40K
CS
5pF
MULTIPLIER
MULT
VCC
GD
D
R
I
V
E
R
STARTER
DISABLE
ZCD
2.1V
1.6V
VREF2 R2
20V
VCC
R1
INTERNAL
SUPPLY 7V
UVLO
ZERO CURRENT
DETECTOR
-
+
INV
2.5V
COMP
GND
3
2
1
4
5
6
7
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com