Electronic Components Datasheet Search
  English  ▼

X  

8561 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 8561
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8561 Datasheet(HTML) 4 Page - Unisonic Technologies

  8561 Datasheet HTML 1Page - Unisonic Technologies 8561 Datasheet HTML 2Page - Unisonic Technologies 8561 Datasheet HTML 3Page - Unisonic Technologies 8561 Datasheet HTML 4Page - Unisonic Technologies 8561 Datasheet HTML 5Page - Unisonic Technologies 8561 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8561
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-444.a
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Analog Inputs & Outputs
INV, COMP MULT
-0.3 ~ 7
V
Current Sense Input
CS
-0.3 ~ 7
V
Iq+Iz (IGD = 0)
IVCC
30
mA
Output Totem Pole Peak Current (2ms)
IGD
±700
mA
Zero Current Detector
ZCD
50 (source)
-10 (sink)
mA
mA
Power Dissipation
PD
0.65
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=14.5V, Ta=-25°C ~ 125°C, unless otherwise specified)
PARAMETER
PIN
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE SECTION
Operating Range
8
VCC
after turn-on
11
18
V
Turn-ON Threshold
8
VCC(ON)
11
12
13
V
Turn-OFF Threshold
8
VCC(OFF)
8.7
9.5
10.3
V
Hysteresis
8
Hys
2.2
2.5
2.8
V
SUPPLY CURRENT SECTION
Start-up Current
8
ISTART-U
before turn-on (VCC=11V)
20
50
90
μA
Quiescent Current
8
Iq
2.6
4
mA
CL=1nF @ 70KHz
4
5.5
mA
Operating Supply Current
8
ICC
In OVP condition Vpin1=2.7V
1.4
mA
8
VPIN5≤150mA, VCC>VCC off
1.4
mA
Quiescent Current
8
Iq
VPIN5≤150mV, VCC<VCC off
20
50
90
μA
Zener Voltage
8
VZ
ICC=25mA
18
20
30
V
ERROR AMPLIFIER SECTION
Ta=25°C
2.465
2.5
2.535
V
Voltage Feedback Input
Threshold
1
VINV
12V<VCC<18V
2.44
2.56
V
Line Regulation
VCC=12 ~ 18V
2
5
mV
Input Bias Current
1
IINV
-100
-1000
uA
Voltage Gain
GV
Open loop
60
80
dB
Gain Bandwidth
GB
1
MHz
Source Current
VCOMP=4V, VINV=2.4V
-2
-4
-8
mA
Sink Current
2
ICOMP
VCOMP=4V, VINV=2.6V
2.5
4.5
mA
Upper Clamp Voltage
ISOURCE=0.5mA
5.8
V
Lower Clamp Voltage
2
VCOMP
Isink=0.5mA
2.25
V
MULTIPLIER SECTION
Linear Operating Voltage
3
VMULT
0~ 3 0 ~ 3.5
V
Output Max.Slope
V
△ CS
V
△ mult
VMULT=from 0V ~ 0.5V
VCOMP=Upper ClamVoltage
1.65
1.9
Gain
K
VMULT=1V, VCOMP=4V
0.45
0.6
0.75
1/V
CURRENT SENSE COMPARATOR
Current Sense Reference
Clamp
4
VCS
VMULT=2.5V
VCOMP=Upper Clamp Voltage
1.6
1.7
1.8
V
Input Bias Current
4
ICS
VOS=0
-0.05
-1
μA
Delay to Output
4
td(H-L)
200
450
ns
Current Sense Offset
4
0
15
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com