Electronic Components Datasheet Search
  English  ▼

X  

8561 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 8561
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8561 Datasheet(HTML) 6 Page - Unisonic Technologies

  8561 Datasheet HTML 1Page - Unisonic Technologies 8561 Datasheet HTML 2Page - Unisonic Technologies 8561 Datasheet HTML 3Page - Unisonic Technologies 8561 Datasheet HTML 4Page - Unisonic Technologies 8561 Datasheet HTML 5Page - Unisonic Technologies 8561 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8561
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-444.a
TYPICAL APPLICATION CIRCUIT
(
80W, Wide-range Mains)
FUSE 4A/250V
Vac
(85V ~ 265V)
+
BRIDGE
4×1N4077
C1
400V
R10
10K
C2
22μF
25V
C7
10nF
240K
R3(*)
D3 1N4150
D2
1N5248B
12nF
R2
100
C6
R1
68K
T
1μF
R5
10
R6(*)
0.41
1W
R8
6.34K
1%
MOS
STP8NA50
C5
47μF
450V
VOUT=400V
PO=80W
+
R7(*)
998K
D1 BYT13-600
8
3
5
21
7
4
6
UTC 8561
TRANSFORMER
T: core THOMSON-CSF B1ET2910A(ETD29×16×10mm)OR EQUIVALENT (OREGA 473201A8)
primary 90T of Litz wire 10×0.2mm
secondary 7T of #27 AWG (0.15mm)
gap 1.25mm for a total primary inductance of 0.8mH
-
NTC
R9(*)
1.24M
-
1μF
C3
R3 = 2×120KΩ
R6 = 0.82Ω /2
R7 = 2×499KΩ, 1%
R9 = 2×620KΩ
(*)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com