Electronic Components Datasheet Search
  English  ▼

X  

8561 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 8561
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8561 Datasheet(HTML) 5 Page - Unisonic Technologies

  8561 Datasheet HTML 1Page - Unisonic Technologies 8561 Datasheet HTML 2Page - Unisonic Technologies 8561 Datasheet HTML 3Page - Unisonic Technologies 8561 Datasheet HTML 4Page - Unisonic Technologies 8561 Datasheet HTML 5Page - Unisonic Technologies 8561 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8561
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-444.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
PIN
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZERO CURRENT DETECTOR
Input Threshold Voltage Rising
Edge (Note)
5
2.1
V
Hysteresis (Note)
VZCD
0.3
0.5
0.7
V
Upper Clamp Voltage
5
VZCD
IZCD=20μA
4.5
5.0
6.8
V
Upper Clamp Voltage
5
VZCD
IZCD=3mA
4.7
5.1
7
V
Lower Clamp Voltage
5
VZCD
IZCD=3mA
0.3
0.65
1
V
Sink Bias Current
5
IZCD
1V V
≦ ZCD 4.5V
≦
2
μA
Source Current Capability
5
IZCD
-3
-10
mA
Sink Current Capability
5
IZCD
3
10
mA
Disable threshold
5
VDIS
200
300
mV
Restart Current After Disable
5
IZCD
VZCD<Vdis, VCC>VCOFF
-200
-300
μA
OUTPUT SECTION
IGDsource=200mA
1.2
2
V
IGDsource=20mA
0.7
1
V
IGDsink=200mA
1.5
V
Dropout Voltage
7
VGD
IGDsink=20mA
0.3
V
Output Voltage Rise Time
7
tR
CL=1nF
40
100
ns
Output Voltage Fall Time
7
tF
CL=1nF
40
100
ns
IGD Sink Current
7
IGD(OFF)
VCC=3.5V, VGD=1V
5
10
mA
OUTPUT OVERVOLTAGE SECTION
OVP Triggering Current
2
IOVP
35
40
45
μA
Static OVP Threshold
2.1
2.25
2.4
V
RESTART TIMER
Start Timer
tSTART
70
150
400
μs
Note: Parameter guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com