Electronic Components Datasheet Search
  English  ▼

X  

CMM4000 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM4000
Description  2.0-18.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000 Datasheet(HTML) 3 Page - Mimix Broadband

  CMM4000 Datasheet HTML 1Page - Mimix Broadband CMM4000 Datasheet HTML 2Page - Mimix Broadband CMM4000 Datasheet HTML 3Page - Mimix Broadband CMM4000 Datasheet HTML 4Page - Mimix Broadband CMM4000 Datasheet HTML 5Page - Mimix Broadband CMM4000 Datasheet HTML 6Page - Mimix Broadband CMM4000 Datasheet HTML 7Page - Mimix Broadband CMM4000 Datasheet HTML 8Page - Mimix Broadband CMM4000 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3 of 9
Buffer Amplifier Measurements (Test Fixture)
CMM4000-BD
2.0-18.0 GHz GaAs MMIC
Buffer Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 21-Sep-09
CMM4000-BD Vd=5.0 V, Id=109 mA
3
4
5
6
7
8
9
10
11
12
13
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
+85 Deg C
-40 deg C
+25 Deg C
CMM4000-BD Vd=5.0 V, Id=109 mA
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C
CMM4000-BD Vd=5.0 V, Id=109 mA
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C
CMM4000-BD Vd=5.0 V, Id=109 mA
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C
CMM4000-BD Vd=5.0 V, Id=109 mA
14
15
16
17
18
19
20
21
22
23
24
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C
CMM4000-BD Vd=5.0 V, Id=109 mA
2
3
4
5
6
7
8
9
10
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
Frequency (GHz)
+85 Deg C
-40 Deg C
+25 Deg C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com