Electronic Components Datasheet Search
  English  ▼

X  

CMM4000 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CMM4000
Description  2.0-18.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000 Datasheet(HTML) 4 Page - Mimix Broadband

  CMM4000 Datasheet HTML 1Page - Mimix Broadband CMM4000 Datasheet HTML 2Page - Mimix Broadband CMM4000 Datasheet HTML 3Page - Mimix Broadband CMM4000 Datasheet HTML 4Page - Mimix Broadband CMM4000 Datasheet HTML 5Page - Mimix Broadband CMM4000 Datasheet HTML 6Page - Mimix Broadband CMM4000 Datasheet HTML 7Page - Mimix Broadband CMM4000 Datasheet HTML 8Page - Mimix Broadband CMM4000 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4 of 9
Buffer Amplifier Measurements (cont.)
CMM4000-BD
2.0-18.0 GHz GaAs MMIC
Buffer Amplifier
CMM4000-BD Vd=See Legend Id=110 mA
4
6
8
10
12
14
16
18
20
22
24
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
0
5
10
15
20
25
30
35
40
45
50
P1dB_5V
P1dB_6V
P1dB_7V
PAE_5V
PAE_6V
PAE_7V
CMM4000-BD Vd=5.0 V Id=100 mA
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
2.0
3.0
4.0 5.0
6.0 7.0 8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
OIP3
OIP2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 21-Sep-09



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com