Electronic Components Datasheet Search
  English  ▼

X  

CMM4000 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM4000
Description  2.0-18.0 GHz GaAs MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000 Datasheet(HTML) 5 Page - Mimix Broadband

  CMM4000 Datasheet HTML 1Page - Mimix Broadband CMM4000 Datasheet HTML 2Page - Mimix Broadband CMM4000 Datasheet HTML 3Page - Mimix Broadband CMM4000 Datasheet HTML 4Page - Mimix Broadband CMM4000 Datasheet HTML 5Page - Mimix Broadband CMM4000 Datasheet HTML 6Page - Mimix Broadband CMM4000 Datasheet HTML 7Page - Mimix Broadband CMM4000 Datasheet HTML 8Page - Mimix Broadband CMM4000 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5 of 9
S-Parameters
Typical S-Parameter Data for CMM4000
Vd=5.0 V Id=110 m A
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.1
0.939
-28.86
0.030
117.39
0.000
133.12
0.983
118.74
1.0
0.364
-132.15
1.904
-171.74
0.005
-60.12
0.534
-87.11
2.0
0.296
-154.45
2.668
-105.50
0.010
-5.71
0.229
-64.48
3.0
0.286
-160.46
2.828
-70.66
0.018
18.16
0.160
-81.40
4.0
0.292
-165.78
2.828
-44.41
0.022
44.37
0.185
-91.05
5.0
0.315
-170.64
2.797
-22.20
0.026
64.72
0.209
-89.28
6.0
0.320
-179.10
2.736
-1.45
0.030
76.12
0.225
-84.50
7.0
0.290
174.17
2.741
16.88
0.036
97.10
0.225
-74.33
8.0
0.266
167.95
2.740
35.36
0.040
112.34
0.212
-65.50
9.0
0.228
162.72
2.762
53.73
0.045
127.57
0.188
-56.22
10.0
0.181
161.86
2.806
72.32
0.050
143.05
0.153
-46.48
11.0
0.144
170.52
2.862
91.58
0.056
159.35
0.108
-37.11
12.0
0.139
-173.68
2.911
111.73
0.062
176.77
0.056
-30.81
13.0
0.171
-168.09
2.934
132.75
0.068
-164.72
0.014
-113.48
14.0
0.194
-177.47
2.900
154.42
0.072
-145.03
0.068
-151.52
15.0
0.190
164.69
2.814
175.34
0.075
-126.55
0.112
-133.14
16.0
0.159
135.47
2.816
-164.76
0.080
-108.43
0.099
-114.04
17.0
0.120
77.24
2.903
-141.37
0.087
-87.59
0.077
-134.21
18.0
0.148
0.06
2.899
-115.02
0.092
-63.43
0.106
-143.64
19.0
0.191
-50.22
2.832
-86.80
0.095
-37.36
0.113
-137.82
20.0
0.103
-69.38
2.720
-53.34
0.096
-5.72
0.089
-152.93
21.0
0.305
-2.05
2.171
-11.92
0.080
34.73
0.166
-175.57
22.0
0.623
-38.06
1.302
21.15
0.048
66.50
0.241
-156.77
23.0
0.768
-63.85
0.764
40.26
0.029
85.11
0.254
-141.68
24.0
0.840
-81.23
0.475
52.76
0.017
92.79
0.243
-132.25
25.0
0.878
-93.97
0.303
60.92
0.010
100.58
0.227
-127.37
26.0
0.908
-103.83
0.197
61.87
0.006
93.67
0.209
-126.41
27.0
0.927
-112.29
0.147
53.60
0.005
60.51
0.201
-128.78
28.0
0.939
-119.49
0.148
48.15
0.007
51.59
0.204
-132.36
29.0
0.941
-125.43
0.158
55.22
0.007
68.77
0.219
-134.50
30.0
0.946
-130.57
0.155
69.84
0.008
84.14
0.238
-132.64
CMM4000-BD
2.0-18.0 GHz GaAs MMIC
Buffer Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 21-Sep-09



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com