Electronic Components Datasheet Search
  English  ▼

X  

XD1002 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 1 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband XD1002 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband’s 0.05-50.0 GHz GaAs MMIC
distributed amplifier has a small signal gain of 9.0 dB
with a noise figure of 5.0 dB across the band.The
device also includes 15.0 dB gain control and a +9.0
dBm P1dB compression point.This MMIC uses Mimix
Broadband’s GaAs PHEMT device model technology,
and is based upon electron beam lithography to ensure
high repeatability and uniformity.The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die attach
process.This device is well suited for microwave,
millimeter-wave and wideband military applications.
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
Absolute Maximum Ratings
Page 1 of 7
Features
Wide Band Driver Amplifier
9.0 dB Small Signal Gain
5.0 dB Noise Figure
15.0 dB Gain Control
+9.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Chip Device Layout
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+10.0 VDC
150 mA
+0.3 VDC
+3.0 VDC
+18 dBm
-65 to +165 ºC
-55 to +85 ºC
+175 ºC
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Frequency Range (f)
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Gain Control
Reverse Isolation (S12)
Noise Figure (NF)
Output Power for 1 dB Compression (P1dB)
Drain Bias Voltage (Vd)
Gain Control Bias (Vg1)
Gate Bias Voltage (Vg2)
Supply Current (Id) (Vd=8.5V,Vg1=0.0V,Vg2=1.0V Typical)
Electrical Characteristics (AmbientTemperature T = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dB
dBm
VDC
VDC
VDC
mA
Min.
0.05
-
-
-
-
-
-
-
-
-
-2.0
-
-
Typ.
-
14.0
14.0
9.0
+/-1.5
15.0
40.0
5.0
+9.0
+8.5
0.0
+1.0
120
Max.
50.0
-
-
-
-
-
-
-
-
+9.0
+0.1
-
140
(1) Measured using constant current.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
D1002-BD
January 2010 - Rev 18-Jan-10


Similar Part No. - XD1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Mimix Broadband
XD1002-BD-000V MIMIX-XD1002-BD-000V Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD-EV1 MIMIX-XD1002-BD-EV1 Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
More results

Similar Description - XD1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
18.0-50.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Analog Devices
ADMV2101 AD-ADMV2101 Datasheet
399Kb / 5P
SMT GaAs HBT MMIC Divide-by-4, 0.05 - 4 GHz
v00.0417
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com