Electronic Components Datasheet Search
  English  ▼

X  

XD1002 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 3 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband XD1002 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 18-Jan-10
Page 3 of 7
S-Parameters (On-Wafer1)
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
D1002-BD
Note [1] S-Parameters – On-Wafer S-Parameters have been taken using bias conditions as shown. Measurements are referenced 150 um in from RF
In/Out pad edge.
Typcial S-Parameter Data for XD1002-BD
Vd=8.5 V, Id=116 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
2.0
0.167
-103.26
3.587
147.99
0.0031
-117.51
0.121
-69.78
3.0
0.113
-109.75
2.859
138.78
0.0128
-157.01
0.108
177.29
4.0
0.099
-120.62
2.832
131.05
0.0041
112.76
0.116
131.77
5.0
0.093
-125.54
2.765
120.66
0.0032
139.64
0.111
87.02
6.0
0.095
-132.47
2.938
108.83
0.0043
136.07
0.115
54.10
7.0
0.101
-142.61
2.921
95.95
0.0054
122.26
0.120
27.59
8.0
0.107
-155.37
2.951
82.80
0.0063
105.77
0.122
5.11
9.0
0.111
-170.50
2.889
69.72
0.0070
88.15
0.119
-14.07
10.0
0.112
171.73
2.880
56.93
0.0075
70.86
0.112
-30.54
11.0
0.110
152.11
2.836
45.22
0.0078
53.61
0.100
-44.61
12.0
0.108
130.11
2.768
33.75
0.0079
36.96
0.085
-55.37
13.0
0.107
106.19
2.715
23.00
0.0078
21.05
0.068
-61.37
14.0
0.108
79.64
2.628
12.68
0.0076
5.77
0.051
-58.73
15.0
0.115
52.78
2.620
3.06
0.0072
-8.21
0.041
-41.60
16.0
0.127
29.20
2.641
-6.63
0.0067
-21.83
0.044
-17.58
17.0
0.140
6.97
2.686
-16.73
0.0066
-33.88
0.061
-5.65
18.0
0.155
-15.07
2.722
-26.98
0.0064
-46.59
0.083
-4.55
19.0
0.169
-35.54
2.772
-37.69
0.0067
-67.28
0.081
-9.49
20.0
0.179
-53.57
2.821
-48.89
0.0059
-77.00
0.125
-15.76
21.0
0.187
-71.02
2.868
-59.87
0.0060
-92.93
0.144
-23.09
22.0
0.189
-90.31
2.905
-71.39
0.0058
-110.88
0.159
-31.60
23.0
0.189
-108.70
2.938
-83.29
0.0056
-129.75
0.168
-39.92
24.0
0.181
-127.23
2.956
-95.25
0.0057
-151.94
0.173
-47.81
25.0
0.169
-148.89
2.951
-107.21
0.0056
-173.35
0.169
-55.49
26.0
0.163
-172.24
2.957
-118.91
0.0057
161.44
0.158
-63.31
27.0
0.154
162.59
2.967
-130.87
0.0055
131.83
0.142
-69.78
28.0
0.153
133.34
2.987
-142.81
0.0052
107.51
0.119
-73.03
29.0
0.159
104.65
2.999
-154.88
0.0050
79.04
0.089
-71.33
30.0
0.173
77.24
3.030
-167.39
0.0049
53.44
0.068
-57.26
31.0
0.194
51.87
3.096
179.82
0.0046
25.73
0.069
-30.51
32.0
0.208
26.34
3.128
166.27
0.0052
-6.13
0.107
7.94
33.0
0.228
0.99
3.137
152.01
0.0037
-34.08
0.154
-0.41
34.0
0.231
-19.30
3.145
137.76
0.0022
-54.27
0.190
-9.85
35.0
0.212
-39.81
3.118
123.67
0.0016
-68.25
0.215
-20.51
36.0
0.204
-61.85
3.065
110.24
0.0009
-1.89
0.221
-32.35
37.0
0.184
-82.92
3.049
97.55
0.0016
-44.59
0.217
-41.99
38.0
0.157
-114.04
3.090
84.85
0.0022
-24.70
0.200
-53.97
39.0
0.143
-146.18
3.154
72.32
0.0036
-68.01
0.147
-61.25
40.0
0.133
177.51
3.312
58.86
0.0051
-93.58
0.094
-54.25
41.0
0.155
138.78
3.498
43.18
0.0052
-139.38
0.088
-10.69
42.0
0.199
104.26
3.615
25.50
0.0053
175.06
0.169
-0.54
43.0
0.243
73.92
3.575
7.36
0.0047
121.52
0.254
-12.21
44.0
0.262
51.02
3.425
-9.60
0.0031
63.48
0.292
-29.07
45.0
0.257
27.75
3.341
-23.56
0.0030
13.79
0.305
-50.60
46.0
0.232
5.20
3.569
-36.67
0.0024
-62.28
0.271
-77.19
47.0
0.169
-12.83
4.166
-53.59
0.0014
104.29
0.216
-118.49
48.0
0.053
-40.92
4.854
-79.98
0.0101
38.63
0.188
152.21
49.0
0.071
83.22
4.643
-110.82
0.0193
-27.39
0.321
71.51
50.0
0.182
70.43
4.155
-138.60
0.0232
-75.83
0.434
23.40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com