Electronic Components Datasheet Search
  English  ▼

X  

XD1002 Datasheet(PDF) 6 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 6 Page - Mimix Broadband

  XD1002 Datasheet HTML 1Page - Mimix Broadband XD1002 Datasheet HTML 2Page - Mimix Broadband XD1002 Datasheet HTML 3Page - Mimix Broadband XD1002 Datasheet HTML 4Page - Mimix Broadband XD1002 Datasheet HTML 5Page - Mimix Broadband XD1002 Datasheet HTML 6Page - Mimix Broadband XD1002 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 18-Jan-10
Page 6 of 7
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
D1002-BD
MTTF Graphs
These numbers were calculated based upon accelerated life test information received from the fabricating foundry and extensive thermal modeling/
finite element analysis done at Mimix Broadband.The values shown here are only to be used as a guideline against the end application requirements
and only represent reliability information under one bias condition. Ultimately bias conditions and resulting power dissipation along with the
practical aspects, i.e. thermal material stack-up, attach method of device placement are the key parts in determining overall reliability for a specific
application, see previous pages. If the data shown below does not meet your reliability requirements or if the bias conditions are not within your
operating limits please contact technical sales for additional information.
XD1002-BD Vd=8.5 V, Id=120 mA
1 0E+10
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+04
1.0E+05
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1002-BD Vd=8.5 V, Id=120 mA
1 00E+04
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E-01
1.00E+00
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1002-BD Vd=8.5 V, Id=120 mA
174
176
178
148
150
152
154
156
158
160
162
164
166
168
170
172
174
142
144
146
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XD1002-BD Vd=8.5 V, Id=120 mA
190
200
120
130
140
150
160
170
180
190
100
110
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com