Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1764 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 59Page - NXP Semiconductors LPC1764 Datasheet HTML 60Page - NXP Semiconductors LPC1764 Datasheet HTML 61Page - NXP Semiconductors LPC1764 Datasheet HTML 62Page - NXP Semiconductors LPC1764 Datasheet HTML 63Page - NXP Semiconductors LPC1764 Datasheet HTML 64Page - NXP Semiconductors LPC1764 Datasheet HTML 65Page - NXP Semiconductors LPC1764 Datasheet HTML 66Page - NXP Semiconductors LPC1764 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
63 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
[1]
The ADC is monotonic, there are no missing codes.
[2]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 26.
[3]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 26.
[4]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 26.
[5]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 26.
[6]
The conversion frequency corresponds to the number of samples per second.
Table 19.
ADC characteristics (lower resolution)
Tamb = −40 °C to +85 °C unless otherwise specified; 12-bit ADC used as 10-bit resolution ADC.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ED
differential linearity error
[1][2] -
±1-
LSB
EL(adj)
integral non-linearity
[3] -
±1.5
-
LSB
EO
offset error
[4] -
±2-
LSB
EG
gain error
[5] -
±2-
LSB
fclk(ADC)
ADC clock frequency
3.0 V
≤ V
DDA ≤ 3.6 V
-
-
33
MHz
2.7 V
≤ V
DDA < 3.0 V
-
-
25
MHz
fc(ADC)
ADC conversion frequency
3 V
≤ V
DDA ≤ 3.6 V
[6] --
500
kHz
2.7 V
≤ V
DDA < 3.0 V
[6] --
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com