Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1764 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 71Page - NXP Semiconductors LPC1764 Datasheet HTML 72Page - NXP Semiconductors LPC1764 Datasheet HTML 73Page - NXP Semiconductors LPC1764 Datasheet HTML 74Page - NXP Semiconductors LPC1764 Datasheet HTML 75Page - NXP Semiconductors LPC1764 Datasheet HTML 76Page - NXP Semiconductors LPC1764 Datasheet HTML 77Page - NXP Semiconductors LPC1764 Datasheet HTML 78Page - NXP Semiconductors LPC1764 Datasheet HTML 79Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
75 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
17. Revision history
Table 25.
Revision history
Document ID
Release
date
Data sheet status
Change notice Supersedes
LPC1769_68_67_66_65_64_63 v.7 20110405
Product data sheet
-
LPC1769_68_67_66_65_64 v.6
Modifications:
• Pin description of pins P0[29] and P0[30] updated in Table note 5 of Table 4. Pins
are not 5 V tolerant.
• Typical value for Parameter Nendu added in Table 9.
• Parameter Vhys for I2C bus pins: typical value corrected Vhys = 0.05VDD(3V3) in
Table 7.
• Condition 3.0 V ≤ VDD(3V3) ≤ 3.6 V added in Table 16.
• Typical values for parameters IDD(REG)(3V3) and IBAT with condition Deep
power-down mode corrected in Table 7 and Table note 9, Table note 10, and
Table note 11 updated.
• For Deep power-down mode, Figure 9 updated and Figure 10 added.
LPC1769_68_67_66_65_64_63 v.6 20100825
Product data sheet
-
LPC1769_68_67_66_65_64 v.5
Modifications:
• Part LPC1768TFBGA added.
• Section 7.30.2; BOD level corrected.
• Added Section 10.2.
LPC1769_68_67_66_65_64_63 v.5 20100716
Product data sheet
-
LPC1769_68_67_66_65_64 v.4
LPC1769_68_67_66_65_64 v.4
20100201
Product data sheet
-
LPC1768_67_66_65_64 v.3
LPC1768_67_66_65_64 v.3
20091119
Product data sheet
-
LPC1768_66_65_64 v.2
LPC1768_66_65_64 v.2
20090211
Objective data sheet -
LPC1768_66_65_64 v.1
LPC1768_66_65_64 v.1
20090115
Objective data sheet -
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com