Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1764 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 63Page - NXP Semiconductors LPC1764 Datasheet HTML 64Page - NXP Semiconductors LPC1764 Datasheet HTML 65Page - NXP Semiconductors LPC1764 Datasheet HTML 66Page - NXP Semiconductors LPC1764 Datasheet HTML 67Page - NXP Semiconductors LPC1764 Datasheet HTML 68Page - NXP Semiconductors LPC1764 Datasheet HTML 69Page - NXP Semiconductors LPC1764 Datasheet HTML 70Page - NXP Semiconductors LPC1764 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
67 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
Fig 30. USB OTG port configuration
USB_D+
USB_D
−
USB_SDA
USB_SCL
RSTOUT
LPC17xx
Mini-AB
connector
33
Ω
33
Ω
VDD
VDD
002aad941
EINTn
RESET_N
ADR/PSW
SPEED
SUSPEND
OE_N/INT_N
SCL
SDA
INT_N
VBUS
ID
DP
DM
ISP1302
VSS
USB_UP_LED
VDD
Fig 31. USB host port configuration
USB_UP_LED
USB_D+
USB_D
−
USB_PWRD
15 k
Ω
15 k
Ω
LPC17xx
USB-A
connector
33
Ω
33
Ω
002aad942
VDD
USB_OVRCR
USB_PPWR
LM3526-L
ENA
IN
5 V
FLAGA
OUTA
VDD
D+
D
−
VBUS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com