Electronic Components Datasheet Search
  English  ▼

X  

LPC1764 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC1764
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1764 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC1764 Datasheet HTML 12Page - NXP Semiconductors LPC1764 Datasheet HTML 13Page - NXP Semiconductors LPC1764 Datasheet HTML 14Page - NXP Semiconductors LPC1764 Datasheet HTML 15Page - NXP Semiconductors LPC1764 Datasheet HTML 16Page - NXP Semiconductors LPC1764 Datasheet HTML 17Page - NXP Semiconductors LPC1764 Datasheet HTML 18Page - NXP Semiconductors LPC1764 Datasheet HTML 19Page - NXP Semiconductors LPC1764 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
16 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a ADC input,
digital section of the pad is disabled and the pin is not 5 V tolerant.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
TDI
2[1][8]
C3[1][8]
I
TDI — Test Data in for JTAG interface.
TMS/SWDIO
3[1][8]
B1[1][8]
I
TMS — Test Mode Select for JTAG interface.
I/O
SWDIO — Serial wire debug data input/output.
TRST
4[1][8]
C2[1][8]
I
TRST — Test Reset for JTAG interface.
TCK/SWDCLK
5[1][7]
C1[1][7]
I
TCK — Test Clock for JTAG interface.
I
SWDCLK — Serial wire clock.
RTCK
100[1][7]
B2[1][7]
O
RTCK — JTAG interface control signal.
RSTOUT
14
-
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates the
microcontroller being in Reset state.
RESET
17[9]
F3[9]
I
External reset input: A LOW on this pin resets the device, causing I/O
ports and peripherals to take on their default states, and processor
execution to begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
22[10][11]
H2[10][11]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
23[10][11]
G3[10][11]
O
Output from the oscillator amplifier.
RTCX1
16[10][12]
F2[10][11]
I
Input to the RTC oscillator circuit.
RTCX2
18[10]
G1[10]
O
Output from the RTC oscillator circuit.
VSS
31, 41,
55, 72,
83, 97[10]
B3, B7,
C9, G7,
J6, K3[10]
I
ground: 0 V reference.
VSSA
11[10]
E1[10]
I
analog ground: 0 V reference. This should nominally be the same
voltage as VSS, but should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71, 96[10]
K2, H9,
C10,
A3[10]
I
3.3 V supply voltage: This is the power supply voltage for the I/O
ports.
VDD(REG)(3V3)
42, 84[10]
H6, A7[10] I
3.3 V voltage regulator supply voltage: This is the supply voltage for
the on-chip voltage regulator only.
VDDA
10[10]
E2[10]
I
analog 3.3 V pad supply voltage: This should be nominally the same
voltage as VDD(3V3) but should be isolated to minimize noise and error.
This voltage is used to power the ADC and DAC. This pin should be
tied to 3.3 V if the ADC and DAC are not used.
VREFP
12[10]
E3[10]
I
ADC positive reference voltage: This should be nominally the same
voltage as VDDA but should be isolated to minimize noise and error.
Level on this pin is used as a reference for ADC and DAC. This pin
should be tied to 3.3 V if the ADC and DAC are not used.
VREFN
15
F1
I
ADC negative reference voltage: This should be nominally the same
voltage as VSS but should be isolated to minimize noise and error.
Level on this pin is used as a reference for ADC and DAC.
VBAT
19[10][12]
G2[10][12]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the
RTC peripheral.
n.c.
13
D4, E4
-
not connected.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com