Electronic Components Datasheet Search
  English  ▼

X  

PCF2123U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2123U
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2123U Datasheet HTML 1Page - NXP Semiconductors PCF2123U Datasheet HTML 2Page - NXP Semiconductors PCF2123U Datasheet HTML 3Page - NXP Semiconductors PCF2123U Datasheet HTML 4Page - NXP Semiconductors PCF2123U Datasheet HTML 5Page - NXP Semiconductors PCF2123U Datasheet HTML 6Page - NXP Semiconductors PCF2123U Datasheet HTML 7Page - NXP Semiconductors PCF2123U Datasheet HTML 8Page - NXP Semiconductors PCF2123U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
3 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
6.
Block diagram
Fig 1.
Block diagram of PCF2123
013aaa223
PCF2123
OSCILLATOR
32.768 kHz
DIVIDER
CLOCK OUT
INTERRUPT
CLKOUT
CLKOE
INT
OFFSET FUNCTION
Offset_register
0Dh
MONITOR
POWER ON
RESET
WATCH
DOG
SPI
INTERFACE
OSCI
CE
SCL
SDI
SDO
OSCO
VDD
TEST
VSS
TIMER FUNCTION
Timer_clkout
0Eh
Countdown_timer
0Fh
CONTROL
Control_1
00h
Control_2
01h
TIME
Seconds
02h
Minutes
03h
Hours
04h
Days
05h
ALARM FUNCTION
Minute_alarm
09h
Hour_alarm
0Ah
Day_alarm
0Bh
Weekday_alarm
0Ch
Weekdays
06h
Months
07h
Years
08h
COSCI
COSCO
Rpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com