Electronic Components Datasheet Search
  English  ▼

X  

PCF2123U Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2123U
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2123U Datasheet HTML 7Page - NXP Semiconductors PCF2123U Datasheet HTML 8Page - NXP Semiconductors PCF2123U Datasheet HTML 9Page - NXP Semiconductors PCF2123U Datasheet HTML 10Page - NXP Semiconductors PCF2123U Datasheet HTML 11Page - NXP Semiconductors PCF2123U Datasheet HTML 12Page - NXP Semiconductors PCF2123U Datasheet HTML 13Page - NXP Semiconductors PCF2123U Datasheet HTML 14Page - NXP Semiconductors PCF2123U Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
11 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.3.2 Register Control_2
[1]
Default value.
Table 7.
Control_2 - control and status register 2 (address 01h) bits description
Bit
Symbol
Value
Description
Reference
7MI
0[1]
minute interrupt is disabled
Section 8.6.3
1
minute interrupt is enabled
6SI
0[1]
second interrupt is disabled
1
second interrupt is enabled
5MSF
0[1]
no minute or second interrupt generated
1
flag set when minute or second interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
4TI_TP
0[1]
interrupt pin follows timer flags
Section 8.7.2
1
interrupt pin generates a pulse
3AF
0[1]
no alarm interrupt generated
Section 8.5.5
1
flag set when alarm triggered;
flag must be cleared to clear interrupt
2TF
0[1]
no countdown timer interrupt generated
Section 8.6.4
1
flag set when countdown timer interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
1AIE
0[1]
no interrupt generated from the alarm flag
Section 8.7.3
1
interrupt generated when alarm flag set
0TIE
0[1]
no interrupt generated from the countdown
timer
Section 8.7.2
1
interrupt generated by the countdown timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com