Electronic Components Datasheet Search
  English  ▼

X  

PCF2123U Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2123U
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2123U Datasheet HTML 1Page - NXP Semiconductors PCF2123U Datasheet HTML 2Page - NXP Semiconductors PCF2123U Datasheet HTML 3Page - NXP Semiconductors PCF2123U Datasheet HTML 4Page - NXP Semiconductors PCF2123U Datasheet HTML 5Page - NXP Semiconductors PCF2123U Datasheet HTML 6Page - NXP Semiconductors PCF2123U Datasheet HTML 7Page - NXP Semiconductors PCF2123U Datasheet HTML 8Page - NXP Semiconductors PCF2123U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
5 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
7.2 Pin description
[1]
The die paddle (exposed pad) is wired to VSS and should be electrically isolated.
[2]
The substrate (rear side of the die) is wired to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Description
HVQFN16
(PCF2123BS/1)
TSSOP14
(PCF2123TS/1)
PCF2123Ux
(bare die)
OSCI
16
1
7
oscillator input; high-impedance node; minimize wire length
between quartz and package
OSCO
1
2
8
oscillator output; high-impedance node; minimize wire length
between quartz and package
n.c.
6, 7, 14, 15
3, 11
-
do not connect and do not use as feed through; connect to
VDD if floating pins are not allowed
TEST
2
4
9
test pin; not user accessible; connect to VSS or leave floating
(internally pulled down)
INT
3
5
10
interrupt output (open-drain; active LOW)
CE
4
6
11
chip enable input (active HIGH) with internal pull down
VSS
5[1]
712[2]
ground
SDO
8
8
1
serial data output, push-pull; high-impedance when not
driving; can be connected to SDI for single wire data line
SDI
9
9
2
serial data input; may float when CE is inactive
SCL
10
10
3
serial clock input; may float when CE is inactive
CLKOE
11
12
4
CLKOUT enable or disable pin; enable is active HIGH
CLKOUT 12
13
5
clock output (open-drain)
VDD
13
14
6
supply voltage; positive or negative steps in VDD may affect
oscillator performance; recommend 100 nF decoupling close
to the device (see Figure 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com