Electronic Components Datasheet Search
  English  ▼

X  

IXGF32N170 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGF32N170
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF32N170 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGF32N170 Datasheet HTML 1Page - IXYS Corporation IXGF32N170 Datasheet HTML 2Page - IXYS Corporation IXGF32N170 Datasheet HTML 3Page - IXYS Corporation IXGF32N170 Datasheet HTML 4Page - IXYS Corporation IXGF32N170 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGF32N170
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 32A, VCE = 10V, Note 1
20
30
S
C
ies
4290
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
167
pF
C
res
47
pF
Q
g
146
nC
Q
ge
I
C = 32A, VGE = 15V, VCE = 0.5 • VCES
28
nC
Q
gc
52
nC
t
d(on)
45
ns
t
ri
38
ns
t
d(off)
270
500
ns
t
fi
250
500
ns
E
off
10.6
20 mJ
t
d(on)
48
ns
t
ri
42
ns
E
off
6.0
mJ
t
d(off)
360
ns
t
fi
560
ns
E
off
13.5
mJ
R
thJC
0.62 °C/W
R
thCS
0.15
°C/W
R
thJA
30
°C/W
Inductive load, T
J = 25°C
I
C = 32A, VGE = 15V
V
CE = 0.6 • VCES, RG = 2.7Ω
Notes: 1. Pulse test, t < 300μs; duty cycle, d < 2%.
2. Device must be heatsunk for high temperature leakage current
measurements to avoid thermal runaway.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ISOPLUS i4-PakTM (HV) (IXGF) Outline
Inductive load, T
J = 125°C
I
C = 32A, VGE = 15V
V
CE = 0.6 • VCES, RG = 2.7Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com