Electronic Components Datasheet Search
  English  ▼

X  

IXGF32N170 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGF32N170
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF32N170 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGF32N170 Datasheet HTML 1Page - IXYS Corporation IXGF32N170 Datasheet HTML 2Page - IXYS Corporation IXGF32N170 Datasheet HTML 3Page - IXYS Corporation IXGF32N170 Datasheet HTML 4Page - IXYS Corporation IXGF32N170 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
V
CES
= 1700V
I
C110
= 19A
V
CE(sat) ≤
≤≤≤≤ 3.5V
t
fi(typ)
= 250ns
IXGF32N170
1 = Gate
5 = Collector
2 = Emitter
DS99569B(5/09)
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
1700
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
44
A
I
C110
T
C = 110°C
19
A
I
CM
T
C = 25°C, 1ms
200
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2.7Ω
I
CM = 70
A
(RBSOA)
Clamped Inductive Load
@ 0.8 • V
CES
t
sc
T
C = 125°C, VCE = 1200V, VGE = 15V, RG = 10Ω
10
μs
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
20..120 / 4.5..27
Nm/lb.in.
V
ISOL
50/60Hz, 1 minute
2500
V~
Weight
5g
High Voltage IGBT
( Electrically Isolated Tab)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 1mA, V
GE = 0V
1700
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = 0.8 • VCES, VGE= 0V, Note 2
50
μA
T
J = 125°C
1 mA
I
GES
V
CE = 0V, VGE = ±20V
±100
nA
V
CE(sat)
I
C
= 32A, V
GE = 15V, Note 1
2.7
3.5
V
T
J = 125°C
3.3
V
ISOPLUS i4-PakTM
1
5
2
ISOLATED TAB
Features
Electrically Isolated Tab
High Current Handling Capability
Rugged NPT Structure
Molding Epoxies Meet UL 94 V-0
Flammability Classification
Applications
Capacitor Discharge & Pulser Circuits
AC Motor Drives
Uninterruptible Power Supplies (UPS)
Switched-Mode and Resonant-Mode
Power Supplies
Advantages
High Power Density
Suitable for Surface Mounting


Similar Part No. - IXGF32N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGF30N400 IXYS-IXGF30N400 Datasheet
199Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
IXGF36N300 IXYS-IXGF36N300 Datasheet
206Kb / 5P
High Voltage IGBT For Capacitor Discharge Applications
More results

Similar Description - IXGF32N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
High Voltage IGBT
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
High Voltage IGBT
IXGH10N170 IXYS-IXGH10N170 Datasheet
195Kb / 5P
High Voltage IGBT
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
High Voltage IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com