Electronic Components Datasheet Search
  English  ▼

X  

IXGF32N170 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGF32N170
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF32N170 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGF32N170 Datasheet HTML 1Page - IXYS Corporation IXGF32N170 Datasheet HTML 2Page - IXYS Corporation IXGF32N170 Datasheet HTML 3Page - IXYS Corporation IXGF32N170 Datasheet HTML 4Page - IXYS Corporation IXGF32N170 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGF32N170
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
0
10
2030
4050
60708090
100
I C - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20406080
100
120
140
160
Q G - nanoCoulombs
VCE = 850V
IC= 32A
IG= 10mA
Fig. 9. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VC E - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 10. Dependence of Eoff on RG
9
11
13
15
17
19
21
23
25
0
5
10
15
20
25
30
35
40
45
50
R G - Ohms
TJ = 125ºC
VGE = 1 5V
VCE = 1 0 2 0V
IC = 64A
IC = 16A
IC = 32A
Fig. 11. Dependence of Eoff on IC
8
10
12
14
16
18
20
22
16 20 24 28 32 36
40 44 48 52 56 60 64
I C - Amperes
RG = 2.7Ω
RG= 1 5Ω
- - - -
VGE = 15V
VGE = 10 2 0V
TJ = 125ºC
TJ = 25ºC
Fig. 12. Dependence of Eoff on
Temperature
6
8
10
12
14
16
18
20
22
24
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
IC = 64A
RG = 2.7Ω
RG= 1 5Ω
- - - -
VGE = 15V
VGE = 10 2 0V
IC = 16A
IC = 32A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com