Electronic Components Datasheet Search
  English  ▼

X  

IXGF32N170 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGF32N170
Description  High Voltage IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGF32N170 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGF32N170 Datasheet HTML 1Page - IXYS Corporation IXGF32N170 Datasheet HTML 2Page - IXYS Corporation IXGF32N170 Datasheet HTML 3Page - IXYS Corporation IXGF32N170 Datasheet HTML 4Page - IXYS Corporation IXGF32N170 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGF32N170
IXYS REF: G_32N170 (7N)7-10-08-A
Fig. 2. Extended Output Characteristics
@ 25ºC
0
30
60
90
120
150
180
210
240
0246
8
10
12
14
VC E - Volts
VGE = 17V
7V
9V
11V
13V
15V
Fig. 3. Output Characteristics
@ 125ºC
0
8
16
24
32
40
48
56
64
01
2
3
45
6
VCE - Volts
VGE = 17V
15V
13V
11V
7V
9V
Fig. 1. Output Characteristics
@ 25ºC
0
8
16
24
32
40
48
56
64
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VC E - Volts
VGE = 17V
15V
13V
11V
9V
7V
Fig. 4. Dependence of VCE(sat) on
Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
IC = 64A
IC = 16A
IC = 32A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emiiter voltage
1
2
3
4
5
6
7
8
6
7
8
9
10
11
12
13
14
15
16
17
VG E - Volts
TJ = 25ºC
IC = 64A
32A
16A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
45
67
8
9
10
VG E - Volts
TJ = 125ºC
25ºC
- 40ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com