Electronic Components Datasheet Search
  English  ▼

X  

MAX6505UT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6505UT
Description  Dual Trip SOT Temperature Switches No External Components Required
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505UT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6505UT Datasheet HTML 1Page - Maxim Integrated Products MAX6505UT Datasheet HTML 2Page - Maxim Integrated Products MAX6505UT Datasheet HTML 3Page - Maxim Integrated Products MAX6505UT Datasheet HTML 4Page - Maxim Integrated Products MAX6505UT Datasheet HTML 5Page - Maxim Integrated Products MAX6505UT Datasheet HTML 6Page - Maxim Integrated Products MAX6505UT Datasheet HTML 7Page - Maxim Integrated Products MAX6505UT Datasheet HTML 8Page - Maxim Integrated Products MAX6505UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6505–MAX6508 temperature switches have dual
logic outputs that assert when the die temperature cross-
es their trip thresholds. Trip thresholds are factory pro-
grammed to convenient temperatures in 5°C increments.
The MAX6505/MAX6506 have an ALARM output that
asserts when the temperature is above the factory-pro-
grammed thresholds (available from -40°C to +125°C).
They also have a WARN output that asserts when the
temperature is several degrees below the ALARM thresh-
old. The difference between the ALARM and WARN
thresholds (
ΔTAW) is pin selectable to +5°C, +10°C,
+20°C, or +30°C. The MAX6505’s logic outputs are open
drain, while the MAX6506’s logic outputs are push-pull.
The MAX6507 has open-drain outputs (OVER, OK), and
the MAX6508 has push-pull outputs (OVER, OK), each
with two factory-programmed threshold temperatures
(TOVER and TUNDER) in the wide range of -40°C to
+125°C. The overtemperature output asserts when the
temperature is above TOVER. When the temperature is in
the desired window (less than TOVER and greater than
TUNDER), OK (OK) asserts.
The MAX6505–MAX6508 are accurate to ±0.5
°C (typ),
±5.5
°C (max). Operating from a +2.5V to +5.5V supply,
these low-cost devices typically consume 30µA supply
current and require no external components for setting
trip points. The MAX6505–MAX6508 are available in a
6-pin SOT23 package.
________________________Applications
µP Temperature Monitoring in High-Speed
Computers
Temperature Control
Temperature Alarms
Fan Control
Features
♦ ±0.5°C (typ) Threshold Accuracy Over Full
Temperature Range
♦ No External Components Required
♦ Low Cost
♦ 30µA (typ) Supply Current
♦ Factory-Programmed Thresholds from -40°C to
+125°C in 5°C Increments
♦ Open-Drain Outputs (MAX6505/MAX6507),
Push-Pull Outputs (MAX6506/MAX6508)
♦ Pin Selectable 2°C, 10°C Hysteresis
(MAX6507/MAX6508)
♦ Pin Selectable +5°C, +10°C, +20°C, +30°C
TALARM - TWARN (MAX6505/MAX6506)
♦ SOT23 Package
Note: To complete the suffix information for the MAX6505/
MAX6506, add P or N for positive or negative trip tempera-
ture, and select an available trip point in degrees centigrade.
For example, the MAX6505UTP055+T describes a MAX6505 in
a SOT23 package with a +55°C threshold (Table 3). Contact
the factory for pricing and availability of temperature versions
(minimum order 10,000 pieces).
To complete the suffix information for MAX6507/MAX6508, see
Table 4.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Dual Trip SOT Temperature Switches
________________________________________________________________
Maxim Integrated Products
1
Pin Configurations
19-1712; Rev 1; 2/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX6505UT_ _ _ _+T
-40°C to +125°C 6 SOT23
MAX6506UT_ _ _ _+T
-40°C to +125°C 6 SOT23
MAX6507UT_ _ _ _+T
-40°C to +125°C 6 SOT23
MAX6508UT_ _ _ _+T
-40°C to +125°C 6 SOT23
Selector Guide appears at end of data sheet.
TOP VIEW
GND
VCC
S1
16
+
5
S0
MAX6505
MAX6506
SOT23
2
34
WARN
(WARN)
ALARM
(ALARM)
( ) ARE FOR MAX6506.
GND
VCC
S0
16
5
N.C.
MAX6507
MAX6508
SOT23
2
34
OK
(OK)
OVER
(OVER)
( ) ARE FOR MAX6508.
+
Typical Operating Circuits appear at end of data sheet.


Similar Part No. - MAX6505UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6505 MAXIM-MAX6505 Datasheet
241Kb / 12P
Dual Trip SOT Temperature Switches
Rev 1; 4/00
More results

Similar Description - MAX6505UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
Dual Trip SOT Temperature Switches
Rev 1; 4/00
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
No external components required Operating temperature -70째 to 150째C
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
Only 5 external components required
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
Low cost and no external components required.
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com